Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT56L85 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT56L85
Description  Low Power PCM Line Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L85 Datasheet(HTML) 2 Page - Exar Corporation

  XRT56L85 Datasheet HTML 1Page - Exar Corporation XRT56L85 Datasheet HTML 2Page - Exar Corporation XRT56L85 Datasheet HTML 3Page - Exar Corporation XRT56L85 Datasheet HTML 4Page - Exar Corporation XRT56L85 Datasheet HTML 5Page - Exar Corporation XRT56L85 Datasheet HTML 6Page - Exar Corporation XRT56L85 Datasheet HTML 7Page - Exar Corporation XRT56L85 Datasheet HTML 8Page - Exar Corporation XRT56L85 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
XRT56L85
2
Rev. 2.11
PIN CONFIGURATION
18
1
10
9
2
3
4
5
6
7
15
14
13
12
11
17
16
8
TXVCC
TPOS
TCLK
TXDATA+
TXGND
TXDATA-
TNEG
RPOS
PDC
RXDATA+
RXDATA-
TE
BIAS
TANK BIAS
RXGND
RCLK
RNEG
RXVCC
18 Lead PDIP (0.300”)
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TXVCC
TPOS
TCLK
TXDATA+
PDC
RXDATA+
RXDATA-
TE
TXGND
TXDATA-
TNEG
RPOS
BIAS
TANK BIAS
RXGND
RCLK
RNEG
RXVCC
18 Lead SOIC (Jedec, 0.300”)
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
PDC
Peak Detector Capacitor.
This pin should be connected to a 0.1µF capacitor
2
RXDATA+
I
Receive Analog Input Positive.
The AMI signal received from the line is applied at this and
the RX DATA(-) pin. Data and clock from the signal applied at these two pins recovered and
output on the RPOS, RNEG, and RCLK pins, respectively.
3
RXDATA-
I
Receive Analog Input Negative.
See the description for RX DATA(+).
4
TE
O
LC Tank Excitation Output.
This output connects to one side of the tank circuitry.
5
BIAS
O
Bias.
This pin should be tied to ground through a 0.1µF capacitor.
6
TANK BIAS
Tank Reference.
The tank circuitry is biased via this output.
7
RXGND
Receiver Ground.
To minimize ground interference a separate pin is used to ground the re-
ceiver section.
8
RCLK
O
Recovered Receive Clock.
Recovered clock signal from the AMI signal received at the RX
DATA(+) and RX DATA(-) pins. This signal is output to the terminal equipment.
9
RXVCC
Receive Supply Voltage.
5V supply voltage for the Receive Section.
10
RNEG
O
Receive Negative Data Output.
A signal at this pin corresponds to the receipt of a negative
pulse on the RX DATA(+)/RX DATA(-) pins. This TTL compatible signal is output to the
terminal equipment.
11
RPOS
O
Receive Positive Data Output.
A signal at this pin corresponds to the receipt of a positive
pulse on the RX DATA(+)/RX DATA pins. This TTL compatible signal is outputed to the
terminal equipment.
12
TNEG
I
Transmit Negative Data Input.
TTL input for a negative polarity pulse (the negative portion
of the AMI pulse train) to be transmitted to the line via the TX DATA(+) and TX DATA pins.
13
TXDATA-
O
Transmit Negative Data Output.
This pin, along with the TX DATA(+) pin, forms a differential
driver output, this is used to drive AMI data down the line via a transformer. Note: This is an
open-collector output.
14
TXGND
Transmit Ground.
15
TXDATA+
O
Transmit Positive Data Output.
Please see description for TX DATA(-).
16
TCLK
I
Transmit Clock.
TPOS and TNEG are sampled on the rising edge of TCLK.
17
TPOS
I
Transmit Positive Data Input.
TTL input for a positive polarity pulse (the positive portion of
the AMI pulse train) to be transmitted to the line via the TX DATA(+) and TX DATA(-) pins.
18
TXVcc
Transmit Supply Voltage.
5V supply voltage to the transmit section.


Similar Part No. - XRT56L85

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L22 EXAR-XRT56L22 Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
More results

Similar Description - XRT56L85

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Asahi Kasei Microsystem...
AK61584 AKM-AK61584 Datasheet
364Kb / 38P
   Dual Low Power T1/E1 Line Interface
logo
Agere Systems
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Level One
LXT313 LVL1-LXT313 Datasheet
269Kb / 10P
   Low Power E1 PCM Repeaters/Transceivers
LXT312 LVL1-LXT312 Datasheet
276Kb / 10P
   Low Power T1 PCM Repeaters/Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com