Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D03 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT71D03
Description  3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D03 Datasheet(HTML) 4 Page - Exar Corporation

  XRT71D03 Datasheet HTML 1Page - Exar Corporation XRT71D03 Datasheet HTML 2Page - Exar Corporation XRT71D03 Datasheet HTML 3Page - Exar Corporation XRT71D03 Datasheet HTML 4Page - Exar Corporation XRT71D03 Datasheet HTML 5Page - Exar Corporation XRT71D03 Datasheet HTML 6Page - Exar Corporation XRT71D03 Datasheet HTML 7Page - Exar Corporation XRT71D03 Datasheet HTML 8Page - Exar Corporation XRT71D03 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
XRT71D03
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
3
PIN DESCRIPTIONS
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION
1
AVDD
****
Analog Power Supply = 5V±5% or 3.3V±5%
2
GND
****
Digital Power Supply = 5V±5% or 3.3V±5%
3
RRCLK_0
O
Received Recovered Output (De-jittered) Clock - channel 0:
Output the de-jittered or smoothed clock if the jitter attenuator is enabled. The
de-jittered data, RRPOS/RRNEG are clocked to this signal.
If RRCLKES is “low”, RRPOS/RRNEG will be updated at the falling edge of
RRCLK.
If RRCLKES is “high”, RRPOS/RRNEG will be updated at the rising edge of
RRCLK.
4
RRPOS_0
O
Received Recovered Positive Data (De-Jittered) Output - channel
0:
De-jittered positive data output. Updated on the rising or falling edge of
RRCLK, depending upon the state of the RRCLKES input pin (or bit-field set-
ting).
5
RRNEG_0
O
Received Recovered Negative Data (De-Jittered) Output - channel
0:
De-jittered negative data output. Updated on the rising or falling edge of
RRCLK, depending upon the state of the RRCLKES input pin (or bit-field set-
ting).
6
RRCLKES
I
Received Recovered Clock Edge Select Input:
Hardware Mode:
1. When RRCLKES = “0”, then RRPOS and RRNEG are updated on the fall-
ing edge of RRCLK
2. When RRCLKES = “1”, then RRPOS and RRNEG are updated on the rising
edge of RRCLK
NOTE: This applies to all channels.
Host Mode
Connect this pin to GND when the 71D03 is configured in the Host Mode.
Internal 50 K Ohm pull-down resistor.
7
NC
No Connection
8
Rest
I
Reset Input. (Active-Low):
A high-low transition will re-center the internal FIFO, and will clear the Com-
mand Registers (for Host Mode operation). Resetting this pin may corrupt data
within the device.
For normal operation, pull this pin to VDD.
Internal 50 K Ohm pull-up resistor.
9
DS3/E3_1
I
DS3/E3 Select Input - channel 1:
This pin along with the STS-1 mode select pin selects the operating mode. The
following table provides the configuration:
STS-1
DS3/E3
XRT71D04 Operating Mode
0
0
DS3
(44.736 MHz)
0
1
E3 (34.368 MHz)
1
0
STS-1 (51.84 MHz)
1
1
E3 (34.368 MHz)
Internal 50 K Ohm pull-down resistor.
10
VDD
****
Digital Power Supply = 5V±5% or 3.3V±5%


Similar Part No. - XRT71D03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
More results

Similar Description - XRT71D03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
logo
Teridian Semiconductor ...
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com