Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D03IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT71D03IV
Description  3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D03IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT71D03IV Datasheet HTML 4Page - Exar Corporation XRT71D03IV Datasheet HTML 5Page - Exar Corporation XRT71D03IV Datasheet HTML 6Page - Exar Corporation XRT71D03IV Datasheet HTML 7Page - Exar Corporation XRT71D03IV Datasheet HTML 8Page - Exar Corporation XRT71D03IV Datasheet HTML 9Page - Exar Corporation XRT71D03IV Datasheet HTML 10Page - Exar Corporation XRT71D03IV Datasheet HTML 11Page - Exar Corporation XRT71D03IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
XRT71D03
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
7
46
RRCLK_1
O
Received Recovered Output (De-jittered) Clock - channel 1:
See description of pin 3.
47
GND
****
Digital Ground
48
AVDD
****
Analog Power Supply = 5 V±5% or 3.3V±5%
49
AGND
****
Analog Ground
50
FL_1
O
FIFO Limit - channel 1:
See description pin 18
51
STS1_1
I
SONET STS1 Mode Select - channel 1:
See description pin 19
52
MCLK_1
I
Master Clock Input - channel 1:
See description pin 28.
Internal 50 K Ohm pull-up resistor.
53
GND
****
Digital Ground
54
RCLK_1
I
Received Clock (Jittery) - channel 1:
See description of pin 26.
Internal 50 K Ohm pull-up resistor.
55
RPOS_1
I
Received Positive Data (Jittery) Input: - channel 1:
See description of pin 23.
Internal 50 K Ohm pull-up resistor.
56
RNEG_1
I
Received Negative Data (Jittery) - channel 1:
See description of pin 24.
Internal 50 K Ohm pull-up resistor.
57
VDD
****
Digital Power Supply = 5V±5% or 3.3V±5%
58
RNEG_0
I
Received Negative Data (Jittery) - channel 0:
See description of pin 24.
Internal 50 K Ohm pull-up resistor.
59
RPOS_0
I
Received Positive Data (Jittery) Input: - channel 0:
See description of pin 23.
Internal 50 K Ohm pull-up resistor.
60
RCLK_0
I
Received Clock (Jittery) - channel 0:
See description of pin 26.
Internal 50 K Ohm pull-up resistor.
61
GND
****
Digital Ground
62
MCLK_0
I
Master Clock Input - channel 0:
See description pin 28.
Internal 50 K Ohm pull-up resistor.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT71D03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
More results

Similar Description - XRT71D03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
logo
Teridian Semiconductor ...
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com