Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L53 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT72L53
Description  THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L53 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT72L53 Datasheet HTML 7Page - Exar Corporation XRT72L53 Datasheet HTML 8Page - Exar Corporation XRT72L53 Datasheet HTML 9Page - Exar Corporation XRT72L53 Datasheet HTML 10Page - Exar Corporation XRT72L53 Datasheet HTML 11Page - Exar Corporation XRT72L53 Datasheet HTML 12Page - Exar Corporation XRT72L53 Datasheet HTML 13Page - Exar Corporation XRT72L53 Datasheet HTML 14Page - Exar Corporation XRT72L53 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 467 page
background image
XRT72L53
áç
áç
áç
áç
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. P1.1.7
PRELIMINARY
11
C6
TAOS[0]
O
Transmit All Ones Signal (TAOS) Command Input - Channel 0 (for
the DS3/E3 LIU IC):
This output pin is intended to be connected to the TAOS input pin of the
DS3/E3 Line Interface Unit IC. The user can control the state of this out-
put pin by writing a '0' or '1' to Bit 4 (TAOS) of the Line Interface Drive
Register (Address = 0x80). If the user commands this signal to toggle
"High" then it will force the Line Interface Unit IC to transmit an "All
Ones" pattern onto the line. Conversely, if the user commands this out-
put signal to toggle "Low" then the DS3/E3 Line Interface Unit IC will
proceed to transmit data based upon the pattern that it receives via the
TxPOS[0] and TxNEG[0] output pins.
Writing a "1" to Bit 4 of the Line Interface Drive Register (Address =
0x80) will cause this output pin to toggle "High". Writing a "0" to this bit-
field will cause this output pin to toggle "Low".
If the customer is not using an Exar “XRT73L0X Family of DS3/E3 LIU
ICs then this output pin can be used for a variety of other purposes.
C7
LLOOP[0]
O
Local Loopback Output Pin - Channel 0 (to be connected to the
DS3/E3 Line Interface Unit IC):
This output pin is intended to be connected to the LLOOP input pin of
the DS3/E3 LIU IC. The user can command this signal to toggle "High"
and, in turn, force the LIU into the Local Loopback mode.
Writing a "1" to bit 1 of the Line Interface Drive Register (Address =
0x80) will cause this output pin to toggle "High". Writing a "0" to this bit-
field will cause the RLOOP output to toggle "Low".
NOTE: This output pin can be used as a General Purpose Output.
C8
RLOL[1]
I
Receive Loss of Lock Indicator input - Channel 1 (from the DS3/E3
LIU IC):
See Description for Pin B8
C9
DMO[0]
I
Drive Monitor Output Input pin - Channel 0 (from the DS3/E3 Line
Interface Unit IC):
This input pin is intended to be tied to the DMO output pin of the DS3/
E3 Line Interface Unit IC. The user can determine the state of this input
pin by reading Bit 2 (DMO) within the Line Interface Scan Register
(Address = 0x81). If this input signal is "High", then it means that the
drive monitor circuitry (within the DS3/E3 Line Interface Unit IC) has not
detected any bipolar signals at the MTIP and MRING inputs within the
last 128 (32 bit-periods. If this input signal is "Low", then it means that
bipolar signals are being detected at the MTIP and MRING input pins of
the DS3/E3 LIU device.
NOTE: This input pin can be used as a General Purpose Input pin.
C10
RxOHFrame[1]/
RxHDLCDat4[1]
O
Receive Overhead Frame Boundary Indicator/Receive HDLC Con-
troller Data Output - Bit 4; Channel 1:
See Description for Pin A13
C11
TxOHEnable[1]/
TxHDLCDat7[1]
O
I
Transmit Overhead Data Input Enable/Transmit HDLC Controller
Data Output - Bit 7; Channel 1:
See Description for Pin B14
PIN DESCRIPTION CONNECTED PINS
PIN #PIN NAME
TYPE
DESCRIPTION


Similar Part No. - XRT72L53

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L53

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com