Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L54 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT72L54
Description  FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L54 Datasheet(HTML) 2 Page - Exar Corporation

  XRT72L54 Datasheet HTML 1Page - Exar Corporation XRT72L54 Datasheet HTML 2Page - Exar Corporation XRT72L54 Datasheet HTML 3Page - Exar Corporation XRT72L54 Datasheet HTML 4Page - Exar Corporation XRT72L54 Datasheet HTML 5Page - Exar Corporation XRT72L54 Datasheet HTML 6Page - Exar Corporation XRT72L54 Datasheet HTML 7Page - Exar Corporation XRT72L54 Datasheet HTML 8Page - Exar Corporation XRT72L54 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 484 page
background image
XRT72L54
áç
áç
áç
áç
FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. P1.1.2
PRELIMINARY
2
ORDERING INFORMATION
FIGURE 2. PIN OUT OFTHE XRT72L54
20
19
1
2
3
4
5
6
7
8
17
18
13
14
15
16
9
10
11
12
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
(See pin list for pin names and function)
G
G
G
XRT72L54
G
G
G
L
20
G
V
DD
G
L
18
L
19
A1
D4
G
C1
B1
G
V
DD
L4
G
G
T4
E1
F1
G1
H1
J1
K1
L1
M1
U1
V1
W1
Y1
N1
P1
R1
T1
L2
T2
L3
T3
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT72L54
27x27 mm 272 Ball PBGA
-40°C to +85°C


Similar Part No. - XRT72L54

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L54

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com