Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L56 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT72L56
Description  SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L56 Datasheet(HTML) 1 Page - Exar Corporation

  XRT72L56 Datasheet HTML 1Page - Exar Corporation XRT72L56 Datasheet HTML 2Page - Exar Corporation XRT72L56 Datasheet HTML 3Page - Exar Corporation XRT72L56 Datasheet HTML 4Page - Exar Corporation XRT72L56 Datasheet HTML 5Page - Exar Corporation XRT72L56 Datasheet HTML 6Page - Exar Corporation XRT72L56 Datasheet HTML 7Page - Exar Corporation XRT72L56 Datasheet HTML 8Page - Exar Corporation XRT72L56 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 486 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT72L56
SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
JANUARY 2001
REV. P1.1.2
GENERAL DESCRIPTION
The XRT72L56, 6 Channel DS3/E3 Framer is de-
signed to accept “User Data” from the Terminal
Equipment and insert this data into the “payload” bit-
fields within an “outbound” DS3/E3 Data Stream.
The XRT72L56 DS3/E3 Framer support full-duplex
data flow between Terminal Equipment and an LIU
(Line Interface Unit) . The Framer will transmit, re-
ceive and process data in the DS3-C-bit Parity, DS3-
M13, E3-ITU-T G.751 and E3-ITU-T G.832 Framing
Formats.
In addition, XRT72L56 has 6 independent high speed
HDLC controllers both on the receive and transmit
data paths which can be optionally configured to sup-
port Framer Relay applications.
The Transmit Sections, include a Transmit Payload
Data Input Interface, a Transmit Overhead data Input
Interface Section, a Transmit HDLC Controller, a
Transmit DS3/E3 Framer block and a Transmit LIU In-
terface Block which permits the Terminal Equipment
to transmit data to a remote terminal.
The Receive Sections, consist of a Receive LIU Inter-
face, a Receive DS3/E3 Framer, a Receive HDLC
Controller, a Receive Payload Data Output Interface,
and a Receive Overhead Data Interface which allows
the local terminal equipment to receive data from re-
mote terminal equipment.
The Microprocessor Interface is used to configure the
Framer in different operating modes and monitor the
performance of the Framer.
The Performance Monitor Sections consist of a large
number of "Reset-upon-Read" and "Read-Only" reg-
isters that contain cumulative and "one-second" sta-
tistics that reflect the performance/status of the chan-
nels.
FEATURES
• Transmits, Receives and Processes data in the
DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and
E3-ITU-T G.832 Framing Formats.
• Per Channel High Speed HDLC Controllers.
• Interfaces to all Popular Microprocessors
• Extensive Performance Monitoring support.
• Available in a 388 Ball PBGA package
• 3.3V Power Supply with 5V Tolerant I/O
• Operating Temperature -40°C to +85°C
APPLICATIONS
• Digital Cross Connects
• CSU/DSU Equipment.
• ADD/Drop Multiplexers
• DS3/E3 Frame Relay Equipment
FIGURE 1. BLOCK DIAGRAM OF THE XRT72L56
T3/E3 Transmit
Framer
T3 FEAC & Data
Link Controller
T3/E3 Receive
Framer
Performance
Monitor
Interrupt
Controller
TxOHInd[n:0]
TxNibFrame[n:0]
TxFrame[n:0]
TxNibClk[n:0]
TxLnClk[n:0]
TxFrameRef[n:0]
TxNib[n:0]
TxSer[n:0]
T3/E3
transmit
Input
RxClk[n:0]
RxOHind[n:0]
RxFrame[n:0]
RxNib[n:0]
RxSer[n:0]
RxOUTClk[n:0]
T3/E3
Receive
Output
uP
Interface
Typical Channel n
Where n = 0, 1, 2, 3, 4 & 5
TxLineClk[n:0]
TxPOS[n:0]
TxNEG[n:0]
RxLineClk[n:0]
RxPOS[n:0]
RxNEG[n:0]
ExtLOS
LIU
Interface/
Controller
TxOHEnable
TxOHClk
TxOHFrame
TxAISEn
TxOH
TxOHIns
T3/E3
Transmit
Overhead
Interface
RxOHEnable[n:0]
RxOHClk[n:0]
RxOH[n:0]
RxRed[n:0]
RxOHFrame[n:0]
RxOOF[n:0]
T3/E3
Receive
Overhead
Interface
HDLC
controller
HDLC
controller
Reset
TestMode
NibbleLnTF
A(11:0)
D(7:0)
ALE_AS
WR_R/W
CS
RDY_DTCK
Reset
INT
MOTO
RD_DS


Similar Part No. - XRT72L56

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L56

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com