Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6408XVFM Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HX6408XVFM
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408XVFM Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HX6408XVFM Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408XVFM Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HX6408
Advanced Information
3
www.honeywell.com
TRUTH TABLE
NCS
NSL
NWE
NOE
Mode
DQ
L
H
H
L
Read
Data Out
L
H
L
X
Write
Data In
H
X
X
X
Deselected
High Z
X
L
X
X
Sleep
High Z
X: VI = VIH or VIL,
NOE=H:
High Z output state maintained for NCS=X, NWE=X
RADIATION
Total Ionizing Radiation Dose
The SRAM will meet all stated functional and electrical
specifications over the entire operating temperature
range after the specified total ionizing radiation dose.
All electrical and timing performance parameters will
remain within specifications. Total dose hardness is
assured by wafer level testing of process monitor
transistors and RAM product using 10 KeV X-ray.
Transistor gate threshold shift correlations have been
made between 10 KeV X-rays applied at a dose rate of
1x10
5 rad(SiO2)/min at T= 25°C and gamma rays
(Cobalt 60 source) to ensure that wafer level X-ray
testing is consistent with standard military radiation test
environments.
Transient Pulse Ionizing Radiation
The SRAM is capable of writing, reading, and retaining
stored data during and after exposure to a transient
ionizing radiation pulse, up to the specified transient
dose rate upset specification, when applied under
recommended operating conditions. It is recommended
to provide external power supply decoupling capacitors
to maintain VDD voltage levels during transient events.
The SRAM will meet any functional or electrical
specification after exposure to a radiation pulse up to
the transient dose rate survivability specification, when
applied under recommended operating conditions.
Note that the current conducted during the pulse by the
RAM inputs, outputs, and power supply may
significantly exceed the normal operating levels. The
application design must accommodate these effects.
Neutron Radiation
The SRAM will meet any functional or timing
specification after exposure to the specified neutron
fluence under recommended operating or storage
conditions. This assumes an equivalent neutron energy
of 1 MeV.
Soft Error Rate
The SRAM is capable of meeting the specified Soft
Error Rate (SER), under recommended operating
conditions.
This hardness level is defined by the Adams 90%
worst case cosmic ray environment for
geosynchronous orbits.
Latchup
The SRAM will not latch up due to any of the above
radiation exposure conditions when applied under
recommended operating conditions. Fabrication with
the SOI substrate material provides oxide isolation
between adjacent PMOS and NMOS transistors and
eliminates any potential SCR latchup structures.
Sufficient transistor body tie connections to the p- and
n-channel substrates are made to ensure no
source/drain snapback occurs.


Similar Part No. - HX6408XVFM

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408XVFM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com