Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L58 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT72L58
Description  EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L58 Datasheet(HTML) 4 Page - Exar Corporation

  XRT72L58 Datasheet HTML 1Page - Exar Corporation XRT72L58 Datasheet HTML 2Page - Exar Corporation XRT72L58 Datasheet HTML 3Page - Exar Corporation XRT72L58 Datasheet HTML 4Page - Exar Corporation XRT72L58 Datasheet HTML 5Page - Exar Corporation XRT72L58 Datasheet HTML 6Page - Exar Corporation XRT72L58 Datasheet HTML 7Page - Exar Corporation XRT72L58 Datasheet HTML 8Page - Exar Corporation XRT72L58 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 486 page
background image
XRT72L58
áç
áç
áç
áç
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. P1.1.2
PRELIMINARY
II
TABLE 4: PIN DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS WHILE THE MICROPROCESSOR IN-
TERFACE IS OPERATING IN THE
MOTOROLA MODE ..................................................................................... 50
2.3 INTERFACING THE XRT72L58 DS3/E3 FRAMER TO THE LOCAL µC/µP VIA THE MICROPROCESSOR INTERFACE BLOCK
50
2.3.1 Interfacing the XRT72L58 DS3/E3 Framer to the Microprocessor over an 8 bit wide bi-directional Data Bus
50
2.3.2 Data Access Modes ................................................................................................................................ 51
Figure 25. Behavior of Microprocessor Interface signals during an Intel-type Programmed I/O Read Oper-
ation ....................................................................................................................................................... 52
Figure 26. Behavior of the Microprocessor Interface Signals, during an Intel-type Programmed I/O Write
Operation ............................................................................................................................................... 53
Figure 27. Illustration of the Behavior of Microprocessor Interface signals, during a Motorola-type Pro-
grammed I/O Read Operation ............................................................................................................... 54
Figure 28. Illustration of the Behavior of the Microprocessor Interface signal, during a Motorola-type Pro-
grammed I/O Write Operation ............................................................................................................... 55
Figure 29. Behavior of the Microprocessor Interface Signals, during the Initial Read Operation of a Burst
Cycle (Intel Type Processor) ................................................................................................................. 56
Figure 30. Behavior of the Microprocessor Interface Signals, during subsequent Read Operations within
the Burst I/O Cycle ................................................................................................................................ 57
Figure 31. Behavior of the Microprocessor Interface signals, during the Initial Write Operation of a Burst
Cycle (Intel-type Processor) .................................................................................................................. 59
Figure 32. Behavior of the Microprocessor Interface Signals, during subsequent Write Operations within
the Burst I/O Cycle ................................................................................................................................ 60
Figure 33. Behavior of the Microprocessor Interface Signals, during the Initial Read Operation of a Burst
Cycle (Motorola Type Processor) .......................................................................................................... 61
Figure 34. Behavior the Microprocessor Interface Signals, during subsequent Read Operations within the
Burst I/O Cycle (Motorola-type µC/µP) .................................................................................................. 62
Figure 35. Behavior of the Microprocessor Interface signals, during the Initial Write Operation of a Burst
Cycle (Motorola-type Processor) ........................................................................................................... 63
Figure 36. Behavior of the Microprocessor Interface Signals, during subsequent Write Operations with the
Burst I/O Cycle (Motorola-type µC/µP) .................................................................................................. 64
2.4 ON-CHIP REGISTER ORGANIZATION ...................................................................................................................... 64
2.4.1 Framer Register Addressing .................................................................................................................... 64
TABLE 5: REGISTER ADDRESSING OF THE FRAMER PROGRAMMER REGISTERS ......................................... 65
2.4.2 Framer Register Description .................................................................................................................... 68
PART NUMBER REGISTER (ADDRESS = 0X02) .......................................................................................... 71
VERSION NUMBER REGISTER (ADDRESS = 0X03) ..................................................................................... 71
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ........................................................................ 71
BLOCK INTERRUPT STATUS REGISTER (ADDRESS = 0X05) ........................................................................ 72
TEST REGISTER (ADDRESS = 0X0C) ....................................................................................................... 73
RXDS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X10) ........................................................... 74
RXDS3 STATUS REGISTER (ADDRESS = 0X11) ........................................................................................ 75
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12) ....................................................................... 76
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13) ....................................................................... 77
RXDS3 SYNC DETECT ENABLE REGISTER (ADDRESS = 0X14) ................................................................ 79
RXDS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17) ............................................... 79
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 80
RXDS3 LAPD STATUS REGISTER (ADDRESS = 0X19) .............................................................................. 81
2.4.3 Receive E3 Framer Configuration Registers (ITU-T G.832) .................................................................... 81
RXE3 CONFIGURATION & STATUS REGISTER 1 (ADDRESS = 0X10) ........................................................... 82
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11) ........................................................... 83
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12) .................................................................... 84
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) .................................................................... 85
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14) .................................................................... 85
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) .................................................................... 87


Similar Part No. - XRT72L58

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L58

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com