Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L58 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT72L58
Description  EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L58 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT72L58 Datasheet HTML 5Page - Exar Corporation XRT72L58 Datasheet HTML 6Page - Exar Corporation XRT72L58 Datasheet HTML 7Page - Exar Corporation XRT72L58 Datasheet HTML 8Page - Exar Corporation XRT72L58 Datasheet HTML 9Page - Exar Corporation XRT72L58 Datasheet HTML 10Page - Exar Corporation XRT72L58 Datasheet HTML 11Page - Exar Corporation XRT72L58 Datasheet HTML 12Page - Exar Corporation XRT72L58 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 486 page
background image
áç
áç
áç
áç
XRT72L58
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PRELIMINARY
REV. P1.1.2
VII
Figure 63. Flow Chart depict how to use the LAPD Transmitter ........................................................ 186
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00) ..................................................................... 187
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ..................................................................... 187
4.2.4 The Transmit DS3 Framer Block ........................................................................................................... 187
Figure 64. A Simple Illustration of the Transmit DS3 Framer Block and the associated paths to other Func-
tional Blocks ........................................................................................................................................ 188
TX DS3 CONFIGURATION REGISTER (ADDRESS = 0X30) ........................................................................ 189
TABLE 28: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 7 (TX YELLOW ALARM) WITHIN THE TX DS3 CON-
FIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION .......................... 189
TABLE 29: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 6 (TX X-BITS) WITHIN THE TX DS3 CONFIGURA-
TION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ..................................... 189
TABLE 30: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 5 (TX IDLE) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER ACTION .......................................................... 190
TABLE 31: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 4 (TX AIS PATTERN) WITHIN THE TX DS3 CON-
FIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION .......................... 190
TABLE 32: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 3 (TX LOS) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ............................................. 191
TX DS3 M-BIT MASK REGISTER, ADDRESS = 0X35 ............................................................................... 191
TX DS3 F-BIT MASK1 REGISTER, ADDRESS = 0X36 .............................................................................. 192
TX DS3 F-BIT MASK2 REGISTER, ADDRESS = 0X37 .............................................................................. 192
TX DS3 F-BIT MASK3 REGISTER, ADDRESS = 0X38 .............................................................................. 192
TX DS3 F-BIT MASK4 REGISTER, ADDRESS = 0X39 .............................................................................. 192
4.2.5 The Transmit DS3 Line Interface Block ................................................................................................. 192
Figure 65. Approach to Interfacing the XRT72L58 Framer IC to the XRT73L04 DS3/E3/STS-1 Transmitter
LIU (one channel shown) .................................................................................................................... 193
Figure 66. A Simple Illustration of the Transmit DS3 LIU Interface block .......................................... 194
Figure 67. The Behavior of TxPOS and TxNEG signals during data transmission while the Transmit DS3
LIU Interface is operating in the Unipolar Mode .................................................................................. 194
I/O CONTROL REGISTER (ADDRESS = 0X01) .......................................................................................... 195
TABLE 33: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR*) WITHIN THE UNI I/O CON-
TROL
REGISTER AND THE TRANSMIT DS3 FRAMER LINE INTERFACE OUTPUT MODE ................................ 195
Figure 68. Illustration of AMI Line Code ............................................................................................. 196
Figure 69. Illustration of two examples of B3ZS Encoding ................................................................. 196
I/O CONTROL REGISTER (ADDRESS = 0X01) .......................................................................................... 197
TABLE 34: THE RELATIONSHIP BETWEEN BIT 4 (AMI/B3ZS*) WITHIN THE I/O CONTROL REGISTER AND THE BI-
POLAR
LINE CODE THAT IS OUTPUT BY THE TRANSMIT DS3 LIU INTERFACE BLOCK ................................. 197
II/O CONTROL REGISTER (ADDRESS = 0X01) ......................................................................................... 197
TABLE 35: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL
REGISTER AND THE TXLINECLK CLOCK EDGE THAT TXPOS AND TXNEG ARE UPDATED ON ..................... 197
Figure 70. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG
are configured to be updated on the rising edge of TxLineClk ............................................................ 198
Figure 71. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG
are configured to be updated on the falling edge of TxLineClk ........................................................... 198
4.2.6 Transmit Section Interrupt Processing .................................................................................................. 198
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ..................................................................... 199
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .................................. 199
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .................................. 200
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) ................................................... 200
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) ................................................... 201
4.3 THE RECEIVE SECTION OF THE XRT72L58 (DS3 MODE OPERATION) ................................................................. 201
Figure 72. A Simple Illustration of the Receive Section of the XRT72L58, when it has been configured to
operate in the DS3 Mode .................................................................................................................... 201
4.3.1 The Receive DS3 LIU Interface Block ................................................................................................... 201
Figure 73. A Simple Illustration of the Receive DS3 LIU Interface Block ........................................... 202
Figure 74. Behavior of the RxPOS, RxNEG and RxLineClk signals during data reception of Unipolar Data


Similar Part No. - XRT72L58

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L58

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com