Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L58IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT72L58IB
Description  EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L58IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT72L58IB Datasheet HTML 3Page - Exar Corporation XRT72L58IB Datasheet HTML 4Page - Exar Corporation XRT72L58IB Datasheet HTML 5Page - Exar Corporation XRT72L58IB Datasheet HTML 6Page - Exar Corporation XRT72L58IB Datasheet HTML 7Page - Exar Corporation XRT72L58IB Datasheet HTML 8Page - Exar Corporation XRT72L58IB Datasheet HTML 9Page - Exar Corporation XRT72L58IB Datasheet HTML 10Page - Exar Corporation XRT72L58IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 486 page
background image
áç
áç
áç
áç
XRT72L58
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PRELIMINARY
REV. P1.1.2
V
BLOCK INTERRUPT STATUS REGISTER (ADDRESS = 0X05) ..................................................................... 134
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ..................................................................... 135
TABLE 10: INTERRUPT SERVICE ROUTINE GUIDE (FOR DS3 APPLICATIONS) ........................................... 135
TABLE 11: INTERRUPT SERVICE ROUTINE GUIDE (FOR E3, ITU-T G.832 APPLICATIONS) ....................... 136
TABLE 12: INTERRUPT SERVICE ROUTINE GUIDE (FOR E3, ITU-T G.751 APPLICATIONS) ....................... 136
2.7.1 Automatic Reset of Interrupt Enable Bits .............................................................................................. 136
FRAMER OPERATING MODE
REGISTER (ADDRESS = 0X00) ...................................................................... 137
2.7.2 One-Second Interrupts .......................................................................................................................... 137
2.8 INTERFACING THE FRAMER TO AN INTEL-TYPE MICROPROCESSOR ........................................................................ 137
TABLE 13: ALTERNATE FUNCTIONS OF PORT 3 PINS ............................................................................. 138
TABLE 14: INTERRUPT SERVICE ROUTINE LOCATION (IN CODE MEMORY) FOR THE INT0* AND INT1* INTERRUPT
INPUT PINS ............................................................................................................................................ 139
Figure 37. Schematic depicting how to interface the XRT72L58 DS3/E3 Framer IC to the 8051 Microcon-
troller ................................................................................................................................................... 139
2.9 INTERFACING THE FRAMER IC TO A MOTOROLA-TYPE MICROPROCESSOR ............................................................ 140
Figure 38. Schematic Depicting how to interface the XRT72L58 DS3/E3 Framer IC to the MC68000 Micro-
processor ............................................................................................................................................ 140
TABLE 15: AUTO-VECTOR TABLE FOR THE MC68000 MICROPROCESSOR .............................................. 141
3.0 The Line Interface and scan section ................................................................................................ 141
Figure 39. Schematic Depicting how to interface the XRT72L58 DS3/E3 Framer IC to the XRT73L04 DS3/
E3/STS-1 LIU IC (one channel shown) ............................................................................................... 142
3.1 BIT-FIELDS WITHIN THE LINE INTERFACE DRIVE REGISTER .................................................................................. 142
LINE INTERFACE DRIVE REGISTER (ADDRESS = 0X80) ..................................................................... 142
TABLE 16: THE RELATIONSHIP BETWEEN THE STATES OF RLOOP, LLOOP AND THE RESULTING LOOP-BACK MODE
WITH THE
XRT7300 DEVICE .................................................................................................................. 144
3.2 BIT-FIELDS WITHIN THE LINE INTERFACE SCAN REGISTER ................................................................................... 144
LINE INTERFACE SCAN REGISTER (ADDRESS = 0X81) ...................................................................... 145
XRT72L58 CONFIGURATION ..................................................................................... 146
4.0 DS3 Operation of the XRT72L58 ...................................................................................................... 146
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00) ..................................................................... 146
4.1 DESCRIPTION OF THE DS3 FRAMES AND ASSOCIATED OVERHEAD BITS .............................................................. 146
Figure 40. DS3 Frame Format for C-bit Parity ................................................................................... 146
Figure 41. DS3 Frame Format for M13 .............................................................................................. 147
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00) ..................................................................... 147
TABLE 17: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 2, (C-BIT PARITY*/M13) WITHIN THE FRAMER OP-
ERATING
MODE REGISTER AND THE RESULTING DS3 FRAMING FORMAT ................................................. 148
TABLE 18: C-BIT FUNCTIONS FOR THE C-BIT PARITY DS3 FRAME FORMAT ............................................ 148
4.1.1 Frame Synchronization Bits (Applies to both M13 and C-bit Parity Framing Formats) ......................... 148
4.1.2 Performance Monitoring/Error Detection Bits (Parity) ........................................................................... 149
4.1.3 Alarm and Signaling-Related Overhead Bits ......................................................................................... 149
Valid M-bits, F-bits, and P-bits ........................................................................................ 149
4.1.4 The Data Link Related Overhead Bits ................................................................................................... 150
4.2 THE TRANSMIT SECTION OF THE XRT72L58 (DS3 MODE OPERATION) ............................................................... 150
Figure 42. A Simple Illustration of the Transmit Section, within the XRT72L58, when it has been configured
to operate in the DS3 Mode ................................................................................................................ 151
4.2.1 The Transmit Payload Data Input Interface Block ................................................................................. 151
Figure 43. A Simple Illustration of the Transmit Payload Data Input Interface Block ......................... 152
TABLE 19: LISTING AND DESCRIPTION OF THE PINS ASSOCIATED WITH THE TRANSMIT PAYLOAD DATA INPUT IN-
TERFACE
............................................................................................................................................... 153
Figure 44. Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Inter-
face block (of the XRT72L58) for Mode 1(Serial/Loop-Timing) Operation .......................................... 155
Figure 45. Behavior of the Terminal Interface signals between the Transmit Payload Data Input Interface
block of the XRT72L58 and the Terminal Equipment (for Mode 1 Operation) .................................... 156
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00) ..................................................................... 156
Figure 46. Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Inter-


Similar Part No. - XRT72L58IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L58IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com