Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L02M Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT73L02M
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L02M Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT73L02M Datasheet HTML 4Page - Exar Corporation XRT73L02M Datasheet HTML 5Page - Exar Corporation XRT73L02M Datasheet HTML 6Page - Exar Corporation XRT73L02M Datasheet HTML 7Page - Exar Corporation XRT73L02M Datasheet HTML 8Page - Exar Corporation XRT73L02M Datasheet HTML 9Page - Exar Corporation XRT73L02M Datasheet HTML 10Page - Exar Corporation XRT73L02M Datasheet HTML 11Page - Exar Corporation XRT73L02M Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
XRT73L02M
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
6
75
51
TAOS_0
TAOS_1
I
Transmit All Ones Select - Channel 0:
Transmit All Ones Select - Channel 1:
A “High" on this pin causes the Transmitter Section of Channel_n to generate
and transmit a continuous AMI all “1’s” pattern onto the line. The frequency of
this “1’s” pattern is determined by TxClk_n.
NOTES:
1. This input pin is ignored if the XRT73L02M is operating in the HOST
Mode and should be tied to GND.
2. Analog Loopback and Remote Loopback have priority over request.
3. This pin is internally pulled down.
TRANSMIT INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION
RECEIVE INTERFACE
PIN
#
SIGNAL NAME
TYPE
DESCRIPTION
1
25
REQEN_0
REQEN_1
I
Receive Equalization Enable Input - Channel 0:
Receive Equalization Enable Input - Channel 1:
Setting this input pin "High" enables the Internal Receive Equalizer of
Channel_n. Setting this pin "Low" disables the Internal Receive Equalizer.
NOTES:
1. This input pin is ignored and should be connected to GND if the
XRT73L02M is operating in the HOST Mode
2. This pin is internally pulled down.
31
RxON/
SDI
I
Hardware Mode: Receiver Turn ON Input
Host Mode: Serial Data Input:
Function of this pin depends on whether the XRT73L02M is configured to oper-
ate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” turns on and enables the
Receivers of all the channels.
NOTES:
1. If the XRT73L02M is configured in HOST mode, this pin functions as
SDI input pin (please refer to the pin description for Microprocessor
Interface)
2. This pin is internally pulled down.
27
RxMON/
SDO
I
Hardware Mode: Receive Monitoring Mode
Host Mode: Serial Data Output:
In Hardware mode, when this pin is tied “High” all 2 channels configure into
monitoring channels. In the monitoring mode, the Receiver is capable of moni-
toring the signals with 20 dB flat loss plus 6 dB cable attenuation. This allows
monitoring very weak signal before declaring LOS.
In HOST Mode each channel can be independently configured to be a monitor-
ing channel by setting the bits in the channel control registers.
NOTE: If the XRT73L02M is configured in HOST mode, this pin functions as
SDO pin (please refer to the pin description for the Microprocessor Interface).


Similar Part No. - XRT73L02M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00 EXAR-XRT73L00 Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00AIV EXAR-XRT73L00AIV Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L02M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com