Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L02MIV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT73L02MIV
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L02MIV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT73L02MIV Datasheet HTML 6Page - Exar Corporation XRT73L02MIV Datasheet HTML 7Page - Exar Corporation XRT73L02MIV Datasheet HTML 8Page - Exar Corporation XRT73L02MIV Datasheet HTML 9Page - Exar Corporation XRT73L02MIV Datasheet HTML 10Page - Exar Corporation XRT73L02MIV Datasheet HTML 11Page - Exar Corporation XRT73L02MIV Datasheet HTML 12Page - Exar Corporation XRT73L02MIV Datasheet HTML 13Page - Exar Corporation XRT73L02MIV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
XRT73L02M
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
8
CLOCK INTERFACE
PIN
#
SIGNAL NAME
TYPE
DESCRIPTION
66
E3CLK
I
E3 Clock Input (34.368 MHz ± 20 ppm):
If any of the channels is configured in E3 mode, a reference clock 34.368 MHz is
applied on this pin.
NOTE: In single frequency mode, this reference clock is not required.
63
DS3CLK
I
DS3 Clock Input (44.736 MHz ± 20 ppm):
If any of the channels is configured in DS3 mode, a reference clock 44.736 MHz.
is applied on this pin.
NOTE: In single frequency mode, this reference clock is not required.
60
STS-1CLK/ 12M
I
STS-1 Clock Input (51.84 MHz ± 20 ppm):
If any of the channels is configured in STS-1 mode, a reference clock 51.84
MHz is applied on this pin..
In Single Frequency Mode, a reference clock of 12.288 MHz ± 20 ppm is con-
nected to this pin and the internal clock synthesizer generates the appropriate
clock frequencies based on the configuration of the channels in E3, DS3 or
STS-1.
99
SFM_EN
I
Single Frequency Mode Enable:
Tie this pin “High” to enable the Single Frequency Mode. A reference clock of
12.288 MHz ± 20 ppm is applied. This offers the flexibility of using a low cost ref-
erence clock and configures the board for either E3 or DS3 or STS-1 without the
need to change any components on the board.
Tie this pin “Low” if single frequency mode is not selected. In this case, the
appropriate reference clocks must be provided.
NOTE: This pin is internally pulled down
80
46
CLKOUT_0
CLKOUT_1
O
Clock output for channel 0
Clock output for channel 1
Low jitter clock
is output for each channel based on the mode selection
(E3,DS3 or STS-1)
if the CLK_EN_n bit is set in the control register or
CLKOUT_EN pin is tied “High”.
This eliminates the need for a separate clock source for the framer.
NOTES:
1. The maximum drive capability for the clockouts is 16 mA.
45
CLKOUT_EN
I
Clock Output Enable in Single Frequency Mode:
Tie this pin “High” to enable the output clocks via the CLKOUT pins.


Similar Part No. - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00 EXAR-XRT73L00 Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00AIV EXAR-XRT73L00AIV Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com