Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L02MIV Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT73L02MIV
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L02MIV Datasheet(HTML) 2 Page - Exar Corporation

  XRT73L02MIV Datasheet HTML 1Page - Exar Corporation XRT73L02MIV Datasheet HTML 2Page - Exar Corporation XRT73L02MIV Datasheet HTML 3Page - Exar Corporation XRT73L02MIV Datasheet HTML 4Page - Exar Corporation XRT73L02MIV Datasheet HTML 5Page - Exar Corporation XRT73L02MIV Datasheet HTML 6Page - Exar Corporation XRT73L02MIV Datasheet HTML 7Page - Exar Corporation XRT73L02MIV Datasheet HTML 8Page - Exar Corporation XRT73L02MIV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
XRT73L02M
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
2
TRANSMIT INTERFACE CHARACTERISTICS
• Accepts either Single-Rail or Dual-Rail data from
Terminal Equipment and generates a bipolar signal
to the line
• Integrated Pulse Shaping Circuit.
• Built-in B3ZS/HDB3 Encoder (which can be dis-
abled).
• Accepts Transmit Clock with duty cycle of 30%-
70%.
• Generates pulses that comply with the ITU-T G.703
pulse template for E3 applications.
• Generates pulses that comply with the DSX-3 pulse
template, as specified in Bellcore GR-499-CORE
and ANSI T1.102_1993.
• Generates pulses that comply with the STSX-1
pulse template, as specified in Bellcore GR-253-
CORE.
• Transmitter can be turned off in order to support
redundancy designs.
RECEIVE INTERFACE CHARACTERISTICS
• Integrated Adaptive Receive Equalization for opti-
mal Clock and Data Recovery.
• Declares and Clears the LOS defect per ITU-T
G.775 requirements for E3 and DS3 applications.
• Meets Jitter Tolerance Requirements, as specified
in ITU-T G.823_1993 for E3 Applications.
• Meets Jitter Tolerance Requirements, as specified
in Bellcore GR-499-CORE for DS3 Applications.
• Declares Loss of Signal (LOS) and Loss of Lock
(LOL) Alarms.
• Built-in B3ZS/HDB3 Decoder (which can be dis-
abled).
• Recovered Data can be muted while the LOS Con-
dition is declared.
• Outputs either Single-Rail or Dual-Rail data to the
Terminal Equipment.
FIGURE 1. BLOCK DIAGRAM OF THE XRT 73L02M
HOST/HW
STS-1/DS3
E3
REQEN
RTIP
RRING
SR/DR
XRT75L03
RLB
RLOS
TPOS
TNEG
TxClk
TAOS
TxLEV
TxON
Note: Serial Processor Interface input pins are shared by in "Host" Mode and redefined in the "Hardware" Mode.
Device
Monitor
MTIP
MRING
DMO
Timing
Control
TTIP
TRING
Tx
Pulse
Shaping
HDB3/
B3ZS
Encoder
RLOL
RxON
RxClkINV
RxClk
RPOS
RNEG/
LCV
Tx
Control
MUX
Line
Driver
LLB
Invert
Remote
LoopBack
HDB3/
B3ZS
Decoder
MUX
AGC/
Equalizer
Peak Detector
LOS
Detector
Slicer
Serial
Processor
Interface
Local
LoopBack
Clock & Data
Recovery
Clock
Synthesizer
E3Clk,DS3Clk,
STS-1Clk
RESET
CS
SClk
INT
SDO
SDI
CLK_OUT


Similar Part No. - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00 EXAR-XRT73L00 Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00AIV EXAR-XRT73L00AIV Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com