Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L02MIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT73L02MIV
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L02MIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT73L02MIV Datasheet HTML 5Page - Exar Corporation XRT73L02MIV Datasheet HTML 6Page - Exar Corporation XRT73L02MIV Datasheet HTML 7Page - Exar Corporation XRT73L02MIV Datasheet HTML 8Page - Exar Corporation XRT73L02MIV Datasheet HTML 9Page - Exar Corporation XRT73L02MIV Datasheet HTML 10Page - Exar Corporation XRT73L02MIV Datasheet HTML 11Page - Exar Corporation XRT73L02MIV Datasheet HTML 12Page - Exar Corporation XRT73L02MIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
xr
XRT73L02M
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
7
91
36
RxCLK_0
RXCLK_1
O
Receive Clock Output - Channel 0:
Receive Clock Output - Channel 1:
By default, RPOS and RNEG data sampled on the rising edge RxCLK..
Set the RxCLKINV bit or tie RClkINV pin “High” to sample RPOS/RNEG data
on the falling edge of RxCLK
92
35
RPOS_0
RPOS_1
O
Receive Positive Data Output - Channel 0:
Receive Positive Data Output - Channel 1:
NOTE: If the B3ZS/HDB3 Decoder is enabled in Single-rail mode, then the zero
suppression patterns in the incoming line signal (such as: "00V", "000V", "B0V",
"B00V") is removed and replaced with ‘0’.
93
34
RNEG_0/LCV_0
RNEG_1/LCV_1
O
Receive Negative Data Output/Line Code Violation Indicator - Channel 0:
Receive Negative Data Output/Line Code Violation Indicator - Channel 1:
In Dual Rail mode, a negative pulse is output through RNEG.
Line Code Violation Indicator - Channel n:
If configured in Single Rail mode then Line Code Violation will be output.
8
18
RRING_0
RRING_1
I
Receive Ring Input - Channel 0:
Receive Ring Input - Channel 1:
These pins along with RTIP receive the bipolar line signal from the remote DS3/
E3/STS-1 Terminal.
9
17
RTIP_0
RTIP_1
I
Receive TIP Input - Channel 0:
Receive TIP Input - Channel 1:
These pins along with RRING receive the bipolar line signal from the Remote
DS3/E3/STS-1 Terminal.
29
RxClkINV/
CS
I
Hardware Mode: RxClk INVERT
Host Mode: Chip Select:
Function of this pin depends on whether the XRT73L02M is configured to oper-
ate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Receiver Sec-
tion of all channels to invert the RxClk_n output signals and outputs the recov-
ered data via RPOS_n and RNEG_n on the falling edge of RxClk_n.
NOTE: If the XRT73L02M is configured in HOST mode, this pin functions as CS
input pin (please refer to the pin description for Microprocessor Interface).
RECEIVE INTERFACE
PIN
#
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00 EXAR-XRT73L00 Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00AIV EXAR-XRT73L00AIV Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L02MIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com