Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L03A Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT73L03A
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03A Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT73L03A Datasheet HTML 7Page - Exar Corporation XRT73L03A Datasheet HTML 8Page - Exar Corporation XRT73L03A Datasheet HTML 9Page - Exar Corporation XRT73L03A Datasheet HTML 10Page - Exar Corporation XRT73L03A Datasheet HTML 11Page - Exar Corporation XRT73L03A Datasheet HTML 12Page - Exar Corporation XRT73L03A Datasheet HTML 13Page - Exar Corporation XRT73L03A Datasheet HTML 14Page - Exar Corporation XRT73L03A Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
XRT73L03A
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 2.0.4
9
CONTROL AND ALARM INTERFACE
PIN #NAME
TYPE
DESCRIPTION
31
4
15
MRing_0
MRing_1
MRing_2
I
Monitor Ring Input - Channel (n):
The bipolar line output signal from TRing_(n) can be connected to this
pin via a 270-ohm resistor in order to check for line driver failure. This
pin is internally pulled "High".
30
5
16
MTIP_0
MTIP_1
MTIP_2
I
Monitor Tip Input - Channel (n):
The bipolar line output signal from TTIP_(n) can be connected to this pin
via a 270-ohm resistor in order to check for line driver failure. This pin is
internally pulled "High".
38
120
21
DMO_0
DMO_1
DMO_2
O
Drive Monitor Output - Channel (n):
If no transmitted AMI signal is present on MTIP_(n) and MRing_(n) input
pins for 128±32 TxClk periods, then DMO_(n) toggles and remains
"High" until the next AMI signal is detected.
36
6
7
TAOS_0
TAOS_1
TAOS_2
I
Transmit All Ones Select - Channel (n):
A "High" on this pin causes the Transmit Section, within Channel (n), to
generate and transmit a continuous AMI all “1’s" pattern onto the line.
The frequency of this "1’s" pattern is determined by TxClk_(n).
This input pin is ignored if the XRT73L03A is operating in the HOST
Mode.
NOTE: This pin should be tied to GND if the XRT73L03A is going to be
operating in the HOST Mode, (internally pulled-down).
55
107
58
RLOS_0
RLOS_1
RLOS_2
O
Receive Loss of Signal Output Indicator - Channel (n):
This output pin toggles "High" if Channel (n) has detected a Loss of Sig-
nal Condition in the incoming line signal.
The criteria that the XRT73L03A uses to declare an LOS Condition
depends upon whether the device is operating in the E3 or STS-1/DS3
Mode.
57
105
60
RLOL_0
RLOL_1
RLOL_2
O
Receive Loss of Lock Output Indicator - Channel (n):
This output pin toggles "High" if Channel (n) has detected a Loss of Lock
Condition. Channel (n) declares an LOL (Loss of Lock) Condition if the
recovered clock frequency deviates from the Reference Clock frequency
(available at the EXClk(n) input pin) by more than 0.5%.
56
106
59
LCV_0
LCV_1
LCV_2
O
Line Code Violation Indicator - Channel 0:
Whenever the Receive Section of Channel (n) detects a Line Code Vio-
lation, it pulses this output pin "High". This output pin remains "Low" at
all other times.
NOTE: The XRT73L03A outputs an NRZ pulse via this output pin. It is
advisable to sample this output pin via the RxClk_(n) clock output signal.
66
ICT
I
In-Circuit Test Input:
Setting this pin "Low" causes all digital and analog outputs to go into a
high-impedance state to allow for in-circuit testing. This pin should be
set to "High" for normal operation.
This pin is internally pulled "High".
67
89
75
LOSTHR_0
LOSTHR_1
LOSTHR_2
I
Loss of Signal Threshold Control - Channel (n):
Forcing the LOSTHR_(n) pin to GND or VDD provides two settings. This
pin must be set to a “High” or “Low” level upon power up and should not
be changed during operation.
This pin is only applicable during DS3 or STS-1 operations.


Similar Part No. - XRT73L03A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03BIV EXAR-XRT73L03BIV Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03IV EXAR-XRT73L03IV Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L03A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com