Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L03AIV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT73L03AIV
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03AIV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT73L03AIV Datasheet HTML 4Page - Exar Corporation XRT73L03AIV Datasheet HTML 5Page - Exar Corporation XRT73L03AIV Datasheet HTML 6Page - Exar Corporation XRT73L03AIV Datasheet HTML 7Page - Exar Corporation XRT73L03AIV Datasheet HTML 8Page - Exar Corporation XRT73L03AIV Datasheet HTML 9Page - Exar Corporation XRT73L03AIV Datasheet HTML 10Page - Exar Corporation XRT73L03AIV Datasheet HTML 11Page - Exar Corporation XRT73L03AIV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
XRT73L03A
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 2.0.4
6
RECEIVE INTERFACE
PIN #NAME
TYPE
DESCRIPTION
49
111
43
RxClk_0
RxClk_1
RxClk_2
OReceive Clock Output - Channel (n):
This output pin is the Recovered Clock signal from the incoming line sig-
nal for Channel (n). The Receive Section of Channel (n) outputs data via
the RPOS_(n) and RNEG_(n) output pins on the rising edge of this clock
signal.
Configure the Receive Section of Channel (n) to update the data on the
RPOS_(n) and RNEG_(n) output pins on the falling edge of RxClk_(n)
by doing one of the following:
a. Operating in the Hardware Mode
Pull the RxClkINV pin to "High".
b. Operating in the HOST Mode
Write a "1" into the RxClkINV bit-field within the Command Register.
50
110
44
RNEG_0
RNEG_1
RNEG_2
O
Receive Negative Data Output - Channel (n):
This output pin pulses "High" whenever Channel (n) of the XRT73L03A
has received a Negative Polarity pulse in the incoming line signal at the
RTIP_(n)/RRing_(n) inputs.
NOTE: If the Channel (n) B3ZS/HDB3 Decoder is enabled, then the zero
suppression patterns in the incoming line signal (such as: "00V", "000V",
"B0V", "B00V") is not reflected at this output.
51
109
45
RPOS_0
RPOS_1
RPOS_2
O
Receive Positive Data Output - Channel (n):
This output pin pulses “High" whenever Channel (n) of the XRT73L03A
has received a Positive Polarity pulse in the incoming line signal at the
RTIP_(n)/RRing_(n) inputs.
NOTE: If the Channel (n) B3ZS/HDB3 Decoder is enabled, then the zero
suppression patterns in the incoming line signal (such as: "00V", "000V",
"B0V", "B00V") is not reflected at this output.
71
85
79
RRing_0
RRing_1
RRing_2
I
Receive Ring Input - Channel (n):
This input pin along with RTIP_(n) is used to receive the bipolar line sig-
nal from the Remote DS3/E3/STS-1 Terminal.
72
84
80
RTIP_0
RTIP_1
RTIP_2
I
Receive TIP Input - Channel (n):
This input pin along with RRing_(n) is used to receive the bipolar line sig-
nal from the Remote DS3/E3/STS-1 Terminal.
74
82
100
REQEN_0
REQEN_1
REQEN_2
I
Receive Equalization Enable Input - Channel (n):
Setting this input pin "High" enables the Internal Receive Equalizer
within Channel (n). Setting this pin "Low" disables the Internal Receive
Equalizer. The guidelines for enabling and disabling the Receive Equal-
izer are described in Section 3.2.
NOTE: This pin is ignored and should be tied to GND if the XRT73L03A
is going to be operating in the HOST Mode, (internally pulled-down).


Similar Part No. - XRT73L03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03BIV EXAR-XRT73L03BIV Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03IV EXAR-XRT73L03IV Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com