Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L03B Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT73L03B
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03B Datasheet(HTML) 1 Page - Exar Corporation

  XRT73L03B Datasheet HTML 1Page - Exar Corporation XRT73L03B Datasheet HTML 2Page - Exar Corporation XRT73L03B Datasheet HTML 3Page - Exar Corporation XRT73L03B Datasheet HTML 4Page - Exar Corporation XRT73L03B Datasheet HTML 5Page - Exar Corporation XRT73L03B Datasheet HTML 6Page - Exar Corporation XRT73L03B Datasheet HTML 7Page - Exar Corporation XRT73L03B Datasheet HTML 8Page - Exar Corporation XRT73L03B Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT73L03B
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
OCTOBER 2003
REV. 1.0.1
GENERAL DESCRIPTION
The XRT73L03B, 3-Channel, DS3/E3/STS-1 Line In-
terface Unit is a low power CMOS version of the
XRT73L03A and consists of three independent line
transmitters and receivers integrated on a single chip
designed for DS3, E3 or SONET STS-1 applications.
Each channel of the XRT73L03B can be configured
to support the E3 (34.368 Mbps), DS3 (44.736 Mbps)
or the SONET STS-1 (51.84 Mbps) rates. Each
channel can be configured to operate in a mode/data
rate that is independent of the other channels.
In the transmit direction, each channel encodes input
data to either B3ZS (DS3/STS-1) or HDB3 (E3) for-
mat and converts the data into the appropriate pulse
shapes for transmission over coaxial cable via a 1:1
transformer.
In the receive direction, the XRT73L03B performs
equalization on incoming signals, performs Clock Re-
covery, decodes data from either B3ZS or HDB3 for-
mat, converts the receive data into TTL/CMOS for-
mat, checks for LOS or LOL conditions and detects
and declares the occurrence of Line Code Violations.
FEATURES
• Incorporates an improved Timing Recovery circuit
and is pin and functional compatible to XRT73L03A
• Meets E3/DS3/STS-1 Jitter Tolerance Require-
ments
• Contains a 4-Wire Microprocessor Serial Interface
• Full Loop-Back Capability
• Transmit and Receive Power Down Modes
• Full Redundancy Support
• Uses Minimum External components
• Single +3.3V Power Supply
• Low power CMOS design
• 5V tolerant I/O
• -40°C to +85°C Operating Temperature Range
• Available in a 120 pin LQFP package
APPLICATIONS
• Digital Cross Connect Systems
• CSU/DSU Equipment
• Routers
• Fiber Optic Terminals
• Multiplexers
• ATM Switches
FIGURE 1. XRT73L03B BLOCK DIAGRAM
ENDECDIS
RLOS_(n)
LLB_(n)
RLB_(n)
TAOS_(n)
TPData_(n)
TNData_(n)
TxClk_(n)
TxLEV_(n)
TxOFF_(n)
Channel 2 - (n) = 2
AGC/
Equalizer
Serial
Processor
Interface
Peak
Detector
LOS Detector
Slicer
Clock
Recovery
Data
Recovery
Invert
Loop MUX
HDB3/
B3ZS
Decoder
LOSTHR_(n)
SDI
SDO
SClk
CS
REGR
RTIP_(n)
RRing_(n)
REQEN_(n)
Channel 0 - (n) = 0
Channel 1 - (n) = 1
Notes: 1. (n) = 0, 1, or 2 for respective Channels
2. Serial Processor Interface input pins are shared by the three Channels in HOST Mode and redefined in Hardware Mode.
Device
Monitor
MTIP_(n)
MRing_(n)
DMO_(n)
Transmit
Logic
Duty Cycle Adjust
TTIP_(n)
TRing_(n)
Pulse
Shaping
HDB3/
B3ZS
Encoder
E3_(n)
STS-1/DS3_(n)
Host/(HW)
RLOL_(n) EXClk_(n)
RxOFF
RxClkINV
RxClk_(n)
RPOS_(n)
RNEG_(n)
LCV_(n)
Tx
Control


Similar Part No. - XRT73L03B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03AIV EXAR-XRT73L03AIV Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03IV EXAR-XRT73L03IV Datasheet
716Kb / 62P
   3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results

Similar Description - XRT73L03B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com