Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLZ10C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLZ10C
Description  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ10C Datasheet(HTML) 6 Page - Vishay Siliconix

  TLZ10C Datasheet HTML 1Page - Vishay Siliconix TLZ10C Datasheet HTML 2Page - Vishay Siliconix TLZ10C Datasheet HTML 3Page - Vishay Siliconix TLZ10C Datasheet HTML 4Page - Vishay Siliconix TLZ10C Datasheet HTML 5Page - Vishay Siliconix TLZ10C Datasheet HTML 6Page - Vishay Siliconix TLZ10C Datasheet HTML 7Page - Vishay Siliconix TLZ10C Datasheet HTML 8Page - Vishay Siliconix TLZ10C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-Aug-02
6 (9)
www.vishay.com
Document Number 85635
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj=25°C
Figure 2. Typical Change of Working Voltage under
Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10
10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 3. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 4. Temperature Coefficient of Vz vs. Z–Voltage
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage ( V )
25
95 9601
20
Tj=25°C
VR=2V
Figure 5. Diode Capacitance vs. Z–Voltage
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF – Forward Voltage ( V )
Tj=25°C
Figure 6. Forward Current vs. Forward Voltage


Similar Part No. - TLZ10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ10C VISHAY-TLZ10C Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ10C VISHAY-TLZ10C Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ10C VISHAY-TLZ10C Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ10C VISHAY-TLZ10C Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com