Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L04AIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT73L04AIV
Description  4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L04AIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT73L04AIV Datasheet HTML 5Page - Exar Corporation XRT73L04AIV Datasheet HTML 6Page - Exar Corporation XRT73L04AIV Datasheet HTML 7Page - Exar Corporation XRT73L04AIV Datasheet HTML 8Page - Exar Corporation XRT73L04AIV Datasheet HTML 9Page - Exar Corporation XRT73L04AIV Datasheet HTML 10Page - Exar Corporation XRT73L04AIV Datasheet HTML 11Page - Exar Corporation XRT73L04AIV Datasheet HTML 12Page - Exar Corporation XRT73L04AIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
XRT73L04A
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 2.0.3
5
44
43
137
138
TxLEV_0
TxLEV_1
TxLEV_2
TxLEV_3
I
Transmit Line Build-Out Enable/Disable Select - Channel (n):
This input pin permits the Transmit Line Build-Out circuit, within Channel
(n), to be enabled or disabled. In E3 mode, this pin has no effect on the
transmit pulse shape.
Setting this pin to "High" disables the Line Build-Out circuit. In this
mode, Channel (n) outputs partially-shaped pulses onto the line via the
TTIP_(n) and TRing_(n) output pins.
Setting this pin to "Low" enables the Line Build-Out circuit within Chan-
nel (n). In this mode, Channel (n) outputs shaped pulses onto the line
via the TTIP_(n) and TRing_(n) output pins.
To comply with the Isolated DSX-3/STSX-1 Pulse Template Require-
ments per Bellcore GR-499-CORE or Bellcore GR-253-CORE:
1. Set this input pin to "1" if the cable length between the Cross-Connect
and the transmit output of Channel (n) is greater than 225 feet.
2. Set this input pin to "0" if the cable length between the Cross-Connect
and the transmit output of Channel (n) is less than 225 feet.
This pin is active only if the following two conditions are true:
a. The XRT73L04A is configured to operate in either the DS3 or SONET
STS-1 Modes.
b. The XRT73L04A is configured to operate in the Hardware Mode.
NOTE: This pin to should be tied to GND if the XRT73L04A is going to be
operating in the HOST Mode, (internally pulled-down).
131
TxOFF
I
Transmitter OFF Input:
Setting this input pin "High" turns off all of the Transmitter Sections. In
this mode the TTIP and TRing outputs are tri-stated.
NOTES:
1. This input pin controls the TTIP and TRing outputs even when
the XRT73L04A is operating in the HOST Mode.
2. For HOST Mode Operation, this pin is tied to GND if the Trans-
mitter is intended to be turned off via the Microprocessor Serial
Interface.
TRANSMIT INTERFACE
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT73L04AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L04B EXAR-XRT73L04B Datasheet
722Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04BIV EXAR-XRT73L04BIV Datasheet
722Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73L04AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04B EXAR-XRT73L04B Datasheet
722Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A Datasheet
723Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com