Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L04B Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT73L04B
Description  4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L04B Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT73L04B Datasheet HTML 4Page - Exar Corporation XRT73L04B Datasheet HTML 5Page - Exar Corporation XRT73L04B Datasheet HTML 6Page - Exar Corporation XRT73L04B Datasheet HTML 7Page - Exar Corporation XRT73L04B Datasheet HTML 8Page - Exar Corporation XRT73L04B Datasheet HTML 9Page - Exar Corporation XRT73L04B Datasheet HTML 10Page - Exar Corporation XRT73L04B Datasheet HTML 11Page - Exar Corporation XRT73L04B Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
XRT73L04B
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 1.0.1
4
PIN DESCRIPTIONS (BY FUNCTION)
TRANSMIT INTERFACE
PIN #NAME
TYPE
DESCRIPTION
34
25
3
12
TTIP_0
TTIP_1
TTIP_2
TTIP_3
O
Transmit TTIP Output - Channel (n):
The XRT73L04B uses this pin along with TRing_(n) to transmit a bipolar
line signal via a 1:1 transformer.
32
23
5
14
TRing_0
TRing_1
TRing_2
TRing_3
O
Transmit Ring Output - Channel (n):
The XRT73L04B uses this pin along with TTIP_(n) to transmit a bipolar
line signal via a 1:1 transformer.
42
30
139
7
TxClk_0
TxClk_1
TxClk_2
TxClk_3
I
Transmit Clock Input for TPData and TNData - Channel (n):
This input pin must be driven at 34.368 MHz (for E3 applications),
44.736 MHz (for DS3 applications), or 51.84 MHz (for SONET STS-1
applications). The XRT73L04B uses this signal to sample the
TPData_(n) and TNData_(n) input pins. By default, the XRT73L04B is
configured to sample these two pins on the falling edge of this signal.
NOTE: If the XRT73L04B is operating in the HOST Mode, then the
device can be configured to sample the TPData_(n) and TNData_(n)
input pins on either the rising or falling edge of TxClk_(n).
41
29
140
8
TPData_0
TPData_1
TPData_2
TPData_3
I
Transmit Positive Data Input - Channel (n):
The XRT73L04B samples this pin on the falling edge of TxClk_(n). If the
device samples a "1", then it generates and transmits a positive polarity
pulse to the line.
The data should be applied to this input pin if the Transmit Section is
configured to accept Single-Rail data from the Terminal Equipment.
NOTE: If the XRT73L04B is operating in the HOST Mode, then the
XRT73L04B can be configured to sample the TPData_(n) pin on either
the rising or falling edge of TxClk_(n).
40
28
141
9
TNData_0
TNData_1
TNData_2
TNData_3
I
Transmit Negative Data Input - Channel (n):
The XRT73L04B samples this pin on the falling edge of TxClk_(n). If the
device samples a "1", then it generates and transmits a negative polarity
pulse to the line.
In Single-Rail Mode, this pin must be tied to GND to enable the HDB3/
B3ZS Encoder and Decoder, (internally pulled-down).
In Dual-Rail Mode this input is the N-Rail Data input.
NOTE: If the XRT73L04B is operating in the HOST Mode, then the
XRT73L04B can be configured to sample the TNData_(n) pin on either
the rising or falling edge of TxClk_(n).


Similar Part No. - XRT73L04B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L04A EXAR-XRT73L04A Datasheet
731Kb / 65P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04AIV EXAR-XRT73L04AIV Datasheet
731Kb / 65P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73L04B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04A EXAR-XRT73L04A Datasheet
731Kb / 65P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A Datasheet
723Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com