Electronic Components Datasheet Search |
|
XRT73L06 Datasheet(PDF) 2 Page - Exar Corporation |
|
XRT73L06 Datasheet(HTML) 2 Page - Exar Corporation |
2 / 63 page XRT73L06 REV. 1.0.2 SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT 2 FEATURES RECEIVER • On chip Clock and Data Recovery circuit for high input jitter tolerance • Meets E3/DS3/STS-1 Jitter Tolerance Requirement • Detects and Clears LOS as per G.775 • Receiver Monitor mode handles up to 20 dB flat loss with 6 dB cable attenuation • On chip B3ZS/HDB3 encoder and decoder that can be either enabled or disabled • On-chip clock synthesizer provides the appropriate rate clock from a single 12.288 MHz Clock • Provides low jitter output clock TRANSMITTER • Compliant with Bellcore GR-499, GR-253 and ANSI T1.102 Specification for transmit pulse • Tri-state Transmit output capability for redundancy applications • Each Transmitter can be turned on or off CONTROL AND DIAGNOSTICS • Parallel Microprocessor Interface for control and configuration • Supports optional internal Transmit driver monitoring • Each channel supports Analog, Remote and Digital Loop-backs • Single 3.3 V ± 5% power supply • 5 V Tolerant digital inputs • Available in 217 pin BGA Package • - 40°C to 85°C Industrial Temperature Range TRANSMIT INTERFACE CHARACTERISTICS • Accepts either Single-Rail or Dual-Rail data from Terminal Equipment and generates a bipolar signal to the line • Integrated Pulse Shaping Circuit • Built-in B3ZS/HDB3 Encoder (which can be disabled) • Accepts Transmit Clock with duty cycle of 30%- 70% • Generates pulses that comply with the ITU-T G.703 pulse template for E3 applications • Generates pulses that comply with the DSX-3 pulse template, as specified in Bellcore GR-499-CORE and ANSI T1.102_1993 • Generates pulses that comply with the STSX-1 pulse template, as specified in Bellcore GR-253- CORE • Transmitter can be turned off in order to support redundancy designs RECEIVE INTERFACE CHARACTERISTICS • Integrated Adaptive Receive Equalization (optional) for optimal Clock and Data Recovery • Declares and Clears the LOS defect per ITU-T G.775 requirements for E3 and DS3 applications • Meets Jitter Tolerance Requirements, as specified in ITU-T G.823_1993 for E3 Applications • Meets Jitter Tolerance Requirements, as specified in Bellcore GR-499-CORE for DS3 Applications • Declares Loss of Lock (LOL) Alarm • Built-in B3ZS/HDB3 Decoder (which can be disabled) • Recovered Data can be muted while the LOS Condition is declared • Outputs either Single-Rail or Dual-Rail data to the Terminal Equipment |
Similar Part No. - XRT73L06 |
|
Similar Description - XRT73L06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |