Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00AIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT73LC00AIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00AIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT73LC00AIV Datasheet HTML 5Page - Exar Corporation XRT73LC00AIV Datasheet HTML 6Page - Exar Corporation XRT73LC00AIV Datasheet HTML 7Page - Exar Corporation XRT73LC00AIV Datasheet HTML 8Page - Exar Corporation XRT73LC00AIV Datasheet HTML 9Page - Exar Corporation XRT73LC00AIV Datasheet HTML 10Page - Exar Corporation XRT73LC00AIV Datasheet HTML 11Page - Exar Corporation XRT73LC00AIV Datasheet HTML 12Page - Exar Corporation XRT73LC00AIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
xr
XRT73LC00A
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.0
6
19
SDI/
(LOSMUTEN)
I
Serial Data Input for the Microprocessor Serial Interface (HOST Mode) or
MUTE-upon-LOS Enable Input (Hardware Mode):
The function of this input pin depends upon whether the XRT73LC00A is operat-
ing in the HOST or the Hardware Mode.
Serial Data Input for the Microprocessor Serial Interface (HOST Mode):
This pin is used to read or write data into the Command Registers of the Micro-
processor Serial Interface. The Read/Write bit, the Address Values of the Com-
mand Registers and Data Value to be written during Write Operations are
applied to this pin.
This input is sampled on the rising edge of the SCLK pin (pin 21).
MUTE-upon-LOS Enable Input (Hardware Mode):
In the Hardware Mode this input pin is used to configure the XRT73LC00A to
Mute the recovered data via the RPOS and RNEG output pins whenever it
declares an LOS condition.
Setting this input pin “High” configures the XRT73LC00A to automatically pull the
RPOS and RNEG output pins to GND whenever it is declaring an LOS condition,
thereby Muting the data being output to the Terminal Equipment.
Setting this input pin “Low” configures the XRT73LC00A to NOT automatically
Mute the recovered data whenever an LOS condition is declared.
20
SDO/(LCV)
O
Serial Data Output from the Controller Port/(Line Code Violation Output
(LCV) Indicator.):
The function of this input pin depends upon whether the XRT73LC00A is operat-
ing in the HOST or the Hardware Mode.
HOST Mode - Microprocessor Serial Interface - Serial Data Output.
This pin serially outputs the contents of the specified Command Register during
Read Operations. The data on this pin is updated on the falling edge of the
SCLK input signal. This pin is tri-stated upon completion of data transfer.
Hardware Mode - Line Code Violation Output Indicator.
This pin pulses “High” for one bit period any time the Receive Section of the
XRT73LC00A detects a Line Code Violation in the incoming E3, DS3 or STS-1
Data Stream.
21
SCLK/
(ENDECDIS)
I
Microprocessor Serial Interface Clock Signal/Encoder Disable:
HOST Mode - Microprocessor Serial Interface Clock Signal
This signal is used to sample the data on the SDI pin on the rising edge of this
signal. During Read operations, the Microprocessor Serial Interface updates the
SDO output on the falling edge of this signal.
Hardware Mode - B3ZS/HDB3 Encoder/Decoder Disable
Setting this input pin “High” disables both the B3ZS/HDB3 Encoder and
Decoder. This setting configures the Transmit Section of the XRT73LC00A to
transmit data to the remote terminal equipment via the AMI Line Code. This set-
ting also configures the Receive Section to receive a line signal via the AMI Line
Code.
Setting this input pin “Low” enables both the B3ZS/HDB3 Encoder and Decoder.
This setting configures the Transmit Section of the XRT73LC00A to transmit data
in the B3ZS format for DS3/STS-1 applications or the HDB3 format for E3 appli-
cations. This setting configures the Receive Section to receive a line signal that
has been encoded into the B3ZS or HDB3 line code.
PIN DESCRIPTION
PIN #
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com