Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73R06 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT73R06
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R06 Datasheet(HTML) 2 Page - Exar Corporation

  XRT73R06 Datasheet HTML 1Page - Exar Corporation XRT73R06 Datasheet HTML 2Page - Exar Corporation XRT73R06 Datasheet HTML 3Page - Exar Corporation XRT73R06 Datasheet HTML 4Page - Exar Corporation XRT73R06 Datasheet HTML 5Page - Exar Corporation XRT73R06 Datasheet HTML 6Page - Exar Corporation XRT73R06 Datasheet HTML 7Page - Exar Corporation XRT73R06 Datasheet HTML 8Page - Exar Corporation XRT73R06 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
XRT73R06
áç
áç
áç
áç
REV. 1.0.0
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
2
FEATURES
RECEIVER
R3 Technology (Reconfigurable, Relayless,
Redundancy)
On chip Clock and Data Recovery circuit for high
input jitter tolerance
Meets E3/DS3/STS-1 Jitter Tolerance Requirement
Detects and Clears LOS as per G.775
Receiver Monitor mode handles up to 20 dB flat
loss with 6 dB cable attenuation
On chip B3ZS/HDB3 encoder and decoder that can
be either enabled or disabled
On-chip clock synthesizer provides the appropriate
rate clock from a single 12.288 MHz Clock
Provides low jitter output clock
TRANSMITTER
R3 Technology (Reconfigurable, Relayless,
Redundancy)
Compliant with Bellcore GR-499, GR-253 and ANSI
T1.102 Specification for transmit pulse
Tri-state Transmit output capability for redundancy
applications
Each Transmitter can be independently turned on
or off
Transmitters provide Voltage Output Drive
CONTROL AND DIAGNOSTICS
Parallel Microprocessor Interface for control and
configuration
Supports optional internal Transmit driver
monitoring
Each channel supports Analog, Remote and Digital
Loop-backs
Single 3.3 V ± 5% power supply
5 V Tolerant digital inputs
Available in 217 pin BGA Package
- 40°C to 85°C Industrial Temperature Range
TRANSMIT INTERFACE CHARACTERISTICS
Accepts either Single-Rail or Dual-Rail data from
Terminal Equipment and generates a bipolar signal
to the line
Integrated Pulse Shaping Circuit
Built-in B3ZS/HDB3 Encoder (which can be
disabled)
Accepts Transmit Clock with duty cycle of 30%-
70%
Generates pulses that comply with the ITU-T G.703
pulse template for E3 applications
Generates pulses that comply with the DSX-3 pulse
template, as specified in Bellcore GR-499-CORE
and ANSI T1.102_1993
Generates pulses that comply with the STSX-1
pulse template, as specified in Bellcore GR-253-
CORE
Transmitter can be turned off in order to support
redundancy designs
RECEIVE INTERFACE CHARACTERISTICS
Integrated Adaptive Receive Equalization (optional)
for optimal Clock and Data Recovery
Declares and Clears the LOS defect per ITU-T
G.775 requirements for E3 and DS3 applications
Meets Jitter Tolerance Requirements, as specified
in ITU-T G.823_1993 for E3 Applications
Meets Jitter Tolerance Requirements, as specified
in Bellcore GR-499-CORE for DS3 Applications
Declares Loss of Lock (LOL) Alarm
Built-in B3ZS/HDB3 Decoder (which can be
disabled)
Recovered Data can be muted while the LOS
Condition is declared
Outputs either Single-Rail or Dual-Rail data to the
Terminal Equipment


Similar Part No. - XRT73R06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12IB EXAR-XRT73R12IB Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12IB EXAR-XRT73R12IB Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73R06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L06 EXAR-XRT73L06 Datasheet
636Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com