Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73R12 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT73R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R12 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT73R12 Datasheet HTML 4Page - Exar Corporation XRT73R12 Datasheet HTML 5Page - Exar Corporation XRT73R12 Datasheet HTML 6Page - Exar Corporation XRT73R12 Datasheet HTML 7Page - Exar Corporation XRT73R12 Datasheet HTML 8Page - Exar Corporation XRT73R12 Datasheet HTML 9Page - Exar Corporation XRT73R12 Datasheet HTML 10Page - Exar Corporation XRT73R12 Datasheet HTML 11Page - Exar Corporation XRT73R12 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
XRT73R12
PRELIMINARY
REV. P1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
5
C23
AD23
D19
AC19
D15
AC15
E11
AB11
E8
AB8
C4
AD4
MTip0
MTip1
MTip2
MTip3
MTip4
MTip5
MTip6
MTip7
MTip8
MTip9
MTip10
MTip11
I
Monitor Tip Input - Positive Polarity Signal
These input pins along with MRing_n function as the Transmit Drive Monitor Out-
put (DMO) input monitoring pins. (1) To monitor the Transmit Output line signal
and (2) to perform this monitoring externally, then this pin MUST be connected to
the corresponding TTIP_n output pin via a 270
Ω series resistor. Similarly, the
MRING_n input pin MUST also be connected to its corresponding TRING_n out-
put pin via a 270
Ω series resistor.
The MTIP_n and MRING_n input pins will continuously monitor the Transmit
Output line signal via the TTIP_n and TRING_n output pins for bipolar activity. If
these pins do not detect any bipolar activity for 128 bit periods, then the Transmit
Drive Monitor circuit will drive the corresponding DMO_n output pin "High" in
order to denote a possible fault condition in the Transmit Output Line signal path.
NOTE:
These input pins are inactive if the user chooses to internally
monitor the Transmit Output line signal.
D23
AC23
E19
AB19
E16
AB16
D10
AC10
D8
AC8
D4
AC4
MRing0
MRing1
MRing2
MRing3
MRing4
MRing5
MRing6
MRing7
MRing8
MRing9
MRing10
MRing11
I
Monitor Ring Input
These input pins along with MTIP_n function as the Transmit Drive Monitor Out-
put (DMO) input monitoring pins. (1) To monitor the Transmit Output line signal
and (2) to perform this monitoring externally, then this input pin MUST be con-
nected to the corresponding TRING_n output pin via a 270
Ω series resistor. Simi-
larly, the MTIP_n input pin MUST be connected to its corresponding TTIP_n
output pin via a 270
Ω series resistor.
The MTIP_n and MRING_n input pins will continuously monitor the Transmit
Output line signal via the TTIP_n and TRING_n output pins for bipolar activity. If
these pins do not detect any bipolar activity for 128 bit periods, then the Transmit
Drive Monitor circuit will drive the corresponding DMO_n output pin "High" to
indicate a possible fault condition in the Transmit Output Line signal path.
NOTE:
These input pins are inactive if the user chooses to internally
monitor the Transmit Output line signal.
N3
N4
N5
N1
M1
L2
M2
M3
M4
M5
K2
J1
DMO0
DMO1
DMO2
DMO3
DMO4
DMO5
DMO6
DMO7
DMO8
DMO9
DMO10
DMO11
O
Drive Monitor Output
These output signals are used to indicate a fault condition within the
Transmit Output signal path.
This output pin will toggle "High" anytime the Transmit Drive Monitor cir-
cuitry either, via the corresponding MTIP and MRING input pins or inter-
nally, detects no bipolar pulses via the Transmit Output line signal (e.g., via
the TTIP_m and TRING_m output pins) for 128 bit-periods.
This output pin will be driven "Low" anytime the Transmit Drive Monitor cir-
cuitry has detected at least one bipolar pulse via the Transmit Output line
signal within the last 128 bit periods.
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT73R12

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73R12 EXAR-XRT73R12 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12IB EXAR-XRT73R12IB Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12IB EXAR-XRT73R12IB Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73R12

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com