Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT74L73IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT74L73IB
Description  3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
Download  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT74L73IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT74L73IB Datasheet HTML 1Page - Exar Corporation XRT74L73IB Datasheet HTML 2Page - Exar Corporation XRT74L73IB Datasheet HTML 3Page - Exar Corporation XRT74L73IB Datasheet HTML 4Page - Exar Corporation XRT74L73IB Datasheet HTML 5Page - Exar Corporation XRT74L73IB Datasheet HTML 6Page - Exar Corporation XRT74L73IB Datasheet HTML 7Page - Exar Corporation XRT74L73IB Datasheet HTML 8Page - Exar Corporation XRT74L73IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 488 page
background image
XRT74L73
3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
REV. P1.0.1
PRELIMINARY
2
ORDERING INFORMATION
FIGURE 2. PIN OUT OF THE XRT74L73 DS3/E3 ATM UNI/PPP (388 BALL PBGA)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
21
22
19
20
23
24
25
26
1
2
3
4
5
6
7
8
17
18
13
14
15
16
9
10
11
12
A
26
D
23
D
26
AC
1
AC
4
AC
23
AC
26
AF
1
AF
26
AE
1
AD
1
A1
D4
D4
C1
B1
L4
E1
F1
G1
H1
J1
K1
L1
M1
AA
1
AB
1
U1
V1
W1
Y1
N1
P1
R1
T1
L2
L3
L
26
T
26
L
23
T
23
L
24
T
24
L
25
T
25
XRT74L73
(See pin list for pin names and function)
V3
V1
V1
V1
V1
G
V1
V1
G
G
G
G
G
G
G
G
G
G
G
V2
G
G
V1
V1
V3
V3
V3
V3
V3
V2
V2
V2
V2
V2
V2
V2
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT74L73IB
35 x 35 mm, 388 Plastic Ball Grid Array
-40°C to +85°C


Similar Part No. - XRT74L73IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L74IB EXAR-XRT74L74IB Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
More results

Similar Description - XRT74L73IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
   3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
   2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
   4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com