Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT74L74 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT74L74
Description  4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
Download  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT74L74 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT74L74 Datasheet HTML 6Page - Exar Corporation XRT74L74 Datasheet HTML 7Page - Exar Corporation XRT74L74 Datasheet HTML 8Page - Exar Corporation XRT74L74 Datasheet HTML 9Page - Exar Corporation XRT74L74 Datasheet HTML 10Page - Exar Corporation XRT74L74 Datasheet HTML 11Page - Exar Corporation XRT74L74 Datasheet HTML 12Page - Exar Corporation XRT74L74 Datasheet HTML 13Page - Exar Corporation XRT74L74 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 498 page
background image
XRT74L74
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
REV. P1.1.1
PRELIMINARY
VIII
FIGURE 125. FLOW CHART DEPICTING HOW TO USE THE LAPD TRANSMITTER..................................................................................... 328
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) .......................................................................................... 329
6.2.4 THE TRANSMIT E3 FRAMER BLOCK..................................................................................................................... 330
FIGURE 126. THE TRANSMIT E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO OTHER FUNCTIONAL BLOCKS ................................... 331
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30) ................................................................................................ 331
TABLE 70: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TX AIS ENABLE) WITHIN THE TX E3 CONFIGURATION REGISTER, AND THE
RESULTING
TRANSMIT E3 FRAMER BLOCK’S ACTION ............................................................................................................ 332
TABLE 71: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (TX LOS) WITHIN THE TX E3 CONFIGURATION REGISTER, AND THE RESULTING
TRANSMIT E3 FRAMER BLOCK’S ACTION.............................................................................................................................. 332
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30) ................................................................................................ 332
TXE3 SERVICE BITS REGISTER (ADDRESS = 0X35) .................................................................................................... 333
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30) ................................................................................................ 333
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30) ................................................................................................ 334
TXE3 FAS ERROR MASK REGISTER - 0 (ADDRESS = 0X48) ....................................................................................... 334
TXE3 FAS ERROR MASK REGISTER - 1 (ADDRESS = 0X49) ....................................................................................... 334
TXE3 BIP-4 ERROR MASK REGISTER (ADDRESS = 0X4A) .......................................................................................... 335
6.2.5 THE TRANSMIT E3 LINE INTERFACE BLOCK ...................................................................................................... 335
FIGURE 127. APPROACH TO INTERFACING THE XRT74L74 FRAMER IC TO THE XRT73L00 DS3/E3/STS-1 LIU .................................. 335
FIGURE 128. THE TRANSMIT E3 LIU INTERFACE BLOCK ...................................................................................................................... 336
FIGURE 129. THE BEHAVIOR OF TXPOS AND TXNEG SIGNALS DURING DATA TRANSMISSION WHILE THE TRANSMIT DS3 LIU INTERFACE IS OP-
ERATING IN THE
UNIPOLAR MODE ........................................................................................................................................ 336
I/O CONTROL REGISTER (ADDRESS = 0X01) .............................................................................................................. 337
TABLE 72: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR*) WITHIN THE UNI I/O CONTROL REGISTER AND THE
TRANSMIT E3 FRAMER LINE INTERFACE OUTPUT MODE ....................................................................................................... 337
FIGURE 130. AMI LINE CODE ............................................................................................................................................................. 338
FIGURE 131. TWO EXAMPLES OF HDB3 ENCODING............................................................................................................................. 338
I/O CONTROL REGISTER (ADDRESS = 0X01) .............................................................................................................. 339
TABLE 73: THE RELATIONSHIP BETWEEN BIT 4 (AMI/HDB3*) WITHIN THE I/O CONTROL REGISTER AND THE BIPOLAR LINE CODE THAT IS OUTPUT
BY THE
TRANSMIT E3 LIU INTERFACE BLOCK....................................................................................................................... 339
II/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................................. 339
TABLE 74: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL REGISTER AND THE TXLINECLK
CLOCK EDGE THAT
TXPOS AND TXNEG ARE UPDATED ON ................................................................................................... 339
FIGURE 132. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE
UPDATED ON THE RISING EDGE OF
TXLINECLK ..................................................................................................................... 340
FIGURE 133. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE
UPDATED ON THE FALLING EDGE OF
TXLINECLK ................................................................................................................... 340
6.2.6 TRANSMIT SECTION INTERRUPT PROCESSING ................................................................................................. 340
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) .......................................................................................... 341
TXE3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) .......................................................................... 341
TXE3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) .......................................................................... 342
6.3 THE RECEIVE SECTION OF THE XRT74L74 (E3 MODE OPERATION) ................................................... 342
FIGURE 134. THE RECEIVE SECTION OF THE XRT74L74 CONFIGURED TO OPERATE IN THE E3 MODE .................................................. 342
6.3.1 THE RECEIVE E3 LIU INTERFACE BLOCK ........................................................................................................... 342
FIGURE 135. THE RECEIVE E3 LIU INTERFACE BLOCK ........................................................................................................................ 343
FIGURE 136. BEHAVIOR OF THE RXPOS, RXNEG AND RXLINECLK SIGNALS DURING DATA RECEPTION OF UNIPOLAR DATA .................. 343
I/O CONTROL REGISTER (ADDRESS = 0X01) .............................................................................................................. 344
TABLE 75: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL REGISTER AND THE TXLINECLK
CLOCK EDGE THAT
TXPOS AND TXNEG ARE UPDATED ON ................................................................................................... 344
FIGURE 137. ILLUSTRATION ON HOW A CHANNEL OF THE RECEIVE E3 FRAMER (WITHIN THE XRT74L74 FRAMER IC) BEING INTERFACE TO
THE
XRT73L00 LINE INTERFACE UNIT, WHILE OPERATING IN BIPOLAR MODE......................................................................... 345
FIGURE 138. AMI LINE CODE ............................................................................................................................................................. 346
FIGURE 139. TWO EXAMPLES OF HDB3 DECODING............................................................................................................................. 346
II/O CONTROL REGISTER (ADDRESS = 0X01) ............................................................................................................. 347
TABLE 76: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (RXLINECLK INV) OF THE I/O CONTROL REGISTER, AND THE SAMPLING EDGE
OF THE
RXLINECLK SIGNAL ................................................................................................................................................. 347
FIGURE 140. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAM-
PLED ON THE RISING EDGE OF
RXLINECLK ........................................................................................................................... 348
FIGURE 141. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAM-
PLED ON THE FALLING EDGE OF
RXLINECLK ......................................................................................................................... 348
6.3.2 THE RECEIVE E3 FRAMER BLOCK ....................................................................................................................... 348
FIGURE 142. THE RECEIVE E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO THE OTHER FUNCTIONAL BLOCKS ............................. 349
FIGURE 143. THE STATE MACHINE DIAGRAM FOR THE RECEIVE E3 FRAMER E3 FRAME ACQUISITION/MAINTENANCE ALGORITHM ......... 350
FIGURE 144. THE E3, ITU-T G.751 FRAMING FORMAT ....................................................................................................................... 350
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14) ...................................................................................... 351


Similar Part No. - XRT74L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT74L73IB EXAR-XRT74L73IB Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
More results

Similar Description - XRT74L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
   4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
   2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
   3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
logo
Infineon Technologies A...
PEF3460E INFINEON-PEF3460E Datasheet
146Kb / 2P
   Single channel T3/E3 Framer & Line Interface for ATM, Frame Relay and PPP/IP
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com