Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L03D Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT75L03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03D Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT75L03D Datasheet HTML 2Page - Exar Corporation XRT75L03D Datasheet HTML 3Page - Exar Corporation XRT75L03D Datasheet HTML 4Page - Exar Corporation XRT75L03D Datasheet HTML 5Page - Exar Corporation XRT75L03D Datasheet HTML 6Page - Exar Corporation XRT75L03D Datasheet HTML 7Page - Exar Corporation XRT75L03D Datasheet HTML 8Page - Exar Corporation XRT75L03D Datasheet HTML 9Page - Exar Corporation XRT75L03D Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
XRT75L03D
áç
áç
áç
áç
REV. 1.0.0
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
III
TABLE 26: ALARM STATUS REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X03 ................................................ 70
TABLE 27: TRANSMIT CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X04 ......................................... 75
TABLE 28: RECEIVE CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X05 ........................................... 78
TABLE 29: CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06 ......................................... 80
TABLE 30: JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07 ......................... 83
8.0 Diagnostic Features: ........................................................................................................................ 85
8.1 PRBS GENERATOR AND DETECTOR: ................................................................................................................ 85
8.2 LOOPBACKS: ............................................................................................................................................... 85
8.2.1 ANALOG LOOPBACK: ....................................................................................................................... 85
Figure 25. PRBS MODE ................................................................................................................................. 85
Figure 26. Analog Loopback ........................................................................................................................... 86
8.2.2 DIGITAL LOOPBACK: ........................................................................................................................ 87
8.2.3 REMOTE LOOPBACK: ....................................................................................................................... 87
Figure 27. Digital Loopback ............................................................................................................................ 87
Figure 28. Remote Loopback .......................................................................................................................... 87
8.3 TRANSMIT ALL ONES (TAOS): ................................................................................................................... 88
Figure 29. Transmit All Ones (TAOS) ............................................................................................................. 88
9.0 THE SONET/SDH DE-SYNC FUNCTION WITHIN THE XRT75L03D ............................................... 89
9.1 BACKGROUND AND DETAILED INFORMATION - SONET DE-SYNC APPLICATIONS .......................... 89
Figure 30. A Simple Illustration of a DS3 signal being mapped into and transported over the SONET Network
90
9.2 MAPPING/DE-MAPPING JITTER/WANDER ................................................................................................ 91
9.2.1 HOW DS3 DATA IS MAPPED INTO SONET ...................................................................................... 91
Figure 31. A Simple Illustration of the SONET STS-1 Frame ......................................................................... 92
Figure 32. A Simple Illustration of the STS-1 Frame Structure with the TOH and the Envelope Capacity Bytes
Designated .................................................................................................................................... 93
Figure 33. The Byte-Format of the TOH within an STS-1 Frame .................................................................... 94
Figure 34. The Byte-Format of the TOH within an STS-1 Frame .................................................................... 95
Figure 35. Illustration of the Byte Structure of the STS-1 SPE ....................................................................... 96
Figure 36. An Illustration of Telcordia GR-253-CORE's Recommendation on how map DS3 data into an STS-1
SPE ............................................................................................................................................... 97
Figure 37. A Simplified "Bit-Oriented" Version of Telcordia GR-253-CORE's Recommendation on how to map
DS3 data into an STS-1 SPE ........................................................................................................ 97
9.2.2 DS3 Frequency Offsets and the Use of the "Stuff Opportunity" Bits ............................................ 98
Figure 38. A Simple Illustration of a DS3 Data-Stream being Mapped into an STS-1 SPE, via a PTE .......... 99
Figure 39. An Illustration of the STS-1 SPE traffic that will be generated by the "Source" PTE, when mapping in
a DS3 signal that has a bit rate of 44.736Mbps + 1ppm, into an STS-1 signal .......................... 100
9.3 JITTER/WANDER DUE TO POINTER ADJUSTMENTS .......................................................................................... 102
9.3.1 The Concept of an STS-1 SPE Pointer ........................................................................................... 102
Figure 40. An Illustration of the STS-1 SPE traffic that will be generated by the Source PTE, when mapping a
DS3 signal that has a bit rate of 44.736Mbps - 1ppm, into an STS-1 signal .............................. 102
Figure 41. An Illustration of an STS-1 SPE straddling across two consecutive STS-1 frames ..................... 103
9.3.2 Pointer Adjustments within the SONET Network .......................................................................... 104
Figure 42. The Bit-format of the 16-Bit Word (consisting of the H1 and H2 bytes) with the 10 bits, reflecting the
location of the J1 byte, designated ............................................................................................. 104
Figure 43. The Relationship between the Contents of the "Pointer Bits" (e.g., the 10-bit expression within the H1
and H2 bytes) and the Location of the J1 Byte within the Envelope Capacity of an STS-1 Frame ...
104
9.3.3 Causes of Pointer Adjustments ...................................................................................................... 105
Figure 44. An Illustration of an STS-1 signal being processed via a Slip Buffer ........................................... 106
Figure 45. An Illustration of the Bit Format within the 16-bit word (consisting of the H1 and H2 bytes) with the "I"
bits designated ............................................................................................................................ 107
Figure 46. An Illustration of the Bit-Format within the 16-bit word (consisting of the H1 and H2 bytes) with the
"D" bits designated ...................................................................................................................... 108
9.3.4 Why are we talking about Pointer Adjustments? .......................................................................... 109
9.4 CLOCK GAPPING JITTER ................................................................................................................................. 109
Figure 47. Illustration of the Typical Applications for the XRT75L03D in a SONET De-Sync Application .... 109


Similar Part No. - XRT75L03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03IV EXAR-XRT75L03IV Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75L03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com