Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L04D Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT75L04D
Description  FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L04D Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT75L04D Datasheet HTML 2Page - Exar Corporation XRT75L04D Datasheet HTML 3Page - Exar Corporation XRT75L04D Datasheet HTML 4Page - Exar Corporation XRT75L04D Datasheet HTML 5Page - Exar Corporation XRT75L04D Datasheet HTML 6Page - Exar Corporation XRT75L04D Datasheet HTML 7Page - Exar Corporation XRT75L04D Datasheet HTML 8Page - Exar Corporation XRT75L04D Datasheet HTML 9Page - Exar Corporation XRT75L04D Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
XRT75L04D
áç
áç
áç
áç
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.1
3
FIGURE 36. AN ILLUSTRATION OF TELCORDIA GR-253-CORE'S RECOMMENDATION ON HOW MAP DS3 DATA INTO AN STS-1 SPE ......... 60
FIGURE 37. A SIMPLIFIED "BIT-ORIENTED" VERSION OF TELCORDIA GR-253-CORE'S RECOMMENDATION ON HOW TO MAP DS3 DATA INTO AN
STS-1 SPE.......................................................................................................................................................................... 60
9.2.2 DS3 FREQUENCY OFFSETS AND THE USE OF THE "STUFF OPPORTUNITY" BITS ......................................... 61
9.2.2.1 THE IDEAL CASE FOR MAPPING DS3 DATA INTO AN STS-1 SIGNAL (E.G., WITH NO FREQUENCY OFFSETS) ............ 62
FIGURE 38. A SIMPLE ILLUSTRATION OF A DS3 DATA-STREAM BEING MAPPED INTO AN STS-1 SPE, VIA A PTE .................................... 62
9.2.2.2 THE 44.736MBPS + 1PPM CASE ........................................................................................................................... 63
FIGURE 39. AN ILLUSTRATION OF THE STS-1 SPE TRAFFIC THAT WILL BE GENERATED BY THE "SOURCE" PTE, WHEN MAPPING IN A DS3 SIGNAL
THAT HAS A BIT RATE OF
44.736MBPS + 1PPM, INTO AN STS-1 SIGNAL .................................................................................. 63
9.2.2.3 THE 44.736MBPS - 1PPM CASE ............................................................................................................................ 64
9.3
JITTER/WANDER DUE TO POINTER ADJUSTMENTS ............................................................................... 65
9.3.1 THE CONCEPT OF AN STS-1 SPE POINTER........................................................................................................... 65
FIGURE 40. AN ILLUSTRATION OF THE STS-1 SPE TRAFFIC THAT WILL BE GENERATED BY THE SOURCE PTE, WHEN MAPPING A DS3 SIGNAL
THAT HAS A BIT RATE OF
44.736MBPS - 1PPM, INTO AN STS-1 SIGNAL ................................................................................... 65
FIGURE 41. AN ILLUSTRATION OF AN STS-1 SPE STRADDLING ACROSS TWO CONSECUTIVE STS-1 FRAMES ........................................... 66
9.3.2 POINTER ADJUSTMENTS WITHIN THE SONET NETWORK .................................................................................. 67
FIGURE 42. THE BIT-FORMAT OF THE 16-BIT WORD (CONSISTING OF THE H1 AND H2 BYTES) WITH THE 10 BITS, REFLECTING THE LOCATION OF
THE
J1 BYTE, DESIGNATED .................................................................................................................................................... 67
FIGURE 43. THE RELATIONSHIP BETWEEN THE CONTENTS OF THE "POINTER BITS" (E.G., THE 10-BIT EXPRESSION WITHIN THE H1 AND H2 BYTES)
AND THE
LOCATION OF THE J1 BYTE WITHIN THE ENVELOPE CAPACITY OF AN STS-1 FRAME .................................................. 67
9.3.3 CAUSES OF POINTER ADJUSTMENTS ................................................................................................................... 68
FIGURE 44. AN ILLUSTRATION OF AN STS-1 SIGNAL BEING PROCESSED VIA A SLIP BUFFER.................................................................... 69
FIGURE 45. AN ILLUSTRATION OF THE BIT FORMAT WITHIN THE 16-BIT WORD (CONSISTING OF THE H1 AND H2 BYTES) WITH THE "I" BITS DES-
IGNATED
............................................................................................................................................................................... 70
FIGURE 46. AN ILLUSTRATION OF THE BIT-FORMAT WITHIN THE 16-BIT WORD (CONSISTING OF THE H1 AND H2 BYTES) WITH THE "D" BITS DES-
IGNATED
............................................................................................................................................................................... 71
9.3.4 WHY ARE WE TALKING ABOUT POINTER ADJUSTMENTS? ............................................................................... 72
9.4 CLOCK GAPPING JITTER ............................................................................................................................. 72
FIGURE 47. ILLUSTRATION OF THE TYPICAL APPLICATIONS FOR THE LIU IN A SONET DE-SYNC APPLICATION ........................................ 72
9.5 A REVIEW OF THE CATEGORY I INTRINSIC JITTER REQUIREMENTS (PER TELCORDIA GR-253-CORE)
FOR DS3 APPLICATIONS ............................................................................................................................. 73
TABLE 22: SUMMARY OF "CATEGORY I INTRINSIC JITTER REQUIREMENT PER TELCORDIA GR-253-CORE, FOR DS3 APPLICATIONS ........ 73
9.5.1 DS3 DE-MAPPING JITTER......................................................................................................................................... 74
9.5.2 SINGLE POINTER ADJUSTMENT ............................................................................................................................. 74
9.5.3 POINTER BURST........................................................................................................................................................ 74
FIGURE 48. ILLUSTRATION OF SINGLE POINTER ADJUSTMENT SCENARIO................................................................................................ 74
9.5.4 PHASE TRANSIENTS................................................................................................................................................. 75
FIGURE 49. ILLUSTRATION OF BURST OF POINTER ADJUSTMENT SCENARIO ........................................................................................... 75
FIGURE 50. ILLUSTRATION OF "PHASE-TRANSIENT" POINTER ADJUSTMENT SCENARIO ............................................................................ 75
9.5.5 87-3 PATTERN ............................................................................................................................................................ 76
9.5.6 87-3 ADD ..................................................................................................................................................................... 76
FIGURE 51. AN ILLUSTRATION OF THE 87-3 CONTINUOUS POINTER ADJUSTMENT PATTERN .................................................................... 76
9.5.7 87-3 CANCEL .............................................................................................................................................................. 77
FIGURE 52. ILLUSTRATION OF THE 87-3 ADD POINTER ADJUSTMENT PATTERN....................................................................................... 77
FIGURE 53. ILLUSTRATION OF 87-3 CANCEL POINTER ADJUSTMENT SCENARIO ...................................................................................... 77
9.5.8 CONTINUOUS PATTERN ........................................................................................................................................... 78
9.5.9
CONTINUOUS ADD ................................................................................................................................................... 78
FIGURE 54. ILLUSTRATION OF CONTINUOUS PERIODIC POINTER ADJUSTMENT SCENARIO ...................................................................... 78
9.5.10 CONTINUOUS CANCEL ........................................................................................................................................... 79
FIGURE 55. ILLUSTRATION OF CONTINUOUS-ADD POINTER ADJUSTMENT SCENARIO ............................................................................... 79
FIGURE 56. ILLUSTRATION OF CONTINUOUS-CANCEL POINTER ADJUSTMENT SCENARIO ......................................................................... 79
9.6 A REVIEW OF THE DS3 WANDER REQUIREMENTS PER ANSI T1.105.03B-1997. .................................. 80
9.7 A REVIEW OF THE INTRINSIC JITTER AND WANDER CAPABILITIES OF THE LIU IN A TYPICAL SYSTEM
APPLICATION ................................................................................................................................................ 80
9.7.1 INTRINSIC JITTER TEST RESULTS.......................................................................................................................... 80
TABLE 23: SUMMARY OF "CATEGORY I INTRINSIC JITTER TEST RESULTS" FOR SONET/DS3 APPLICATIONS ........................................... 80
9.7.2 WANDER MEASUREMENT TEST RESULTS............................................................................................................ 81
9.8 DESIGNING WITH THE LIU ........................................................................................................................... 81
9.8.1 HOW TO DESIGN AND CONFIGURE THE LIU TO PERMIT A SYSTEM TO MEET THE ABOVE-MENTIONED INTRIN-
SIC JITTER AND WANDER REQUIREMENTS............................................................................................................. 81
FIGURE 57. ILLUSTRATION OF THE LIU BEING CONNECTED TO A MAPPER IC FOR SONET DE-SYNC APPLICATIONS ................................ 81
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06..................................................................... 82
CHANNEL 1 ADDRESS LOCATION = 0X0E ............................................................ 82
CHANNEL 2 ADDRESS LOCATION = 0X16 ............................................................. 82
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06..................................................................... 83


Similar Part No. - XRT75L04D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L04IV EXAR-XRT75L04IV Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results

Similar Description - XRT75L04D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com