Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L04D Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT75L04D
Description  FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L04D Datasheet(HTML) 1 Page - Exar Corporation

  XRT75L04D Datasheet HTML 1Page - Exar Corporation XRT75L04D Datasheet HTML 2Page - Exar Corporation XRT75L04D Datasheet HTML 3Page - Exar Corporation XRT75L04D Datasheet HTML 4Page - Exar Corporation XRT75L04D Datasheet HTML 5Page - Exar Corporation XRT75L04D Datasheet HTML 6Page - Exar Corporation XRT75L04D Datasheet HTML 7Page - Exar Corporation XRT75L04D Datasheet HTML 8Page - Exar Corporation XRT75L04D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
áç
áç
áç
áç
XRT75L04D
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
NOVEMBER 2003
REV. 1.0.1
GENERAL DESCRIPTION
The XRT75L04D is a four-channel fully integrated
Line Interface Unit (LIU) with Sonet Desynchronizer
for E3/DS3/STS-1 applications. It incorporates four
independent
Receivers,
Transmitters
and
Jitter
Attenuators in a single 176 pin QFP package.
Each channel of the XRT75L04D can be configured
to operate in E3 (34.368 MHz), DS3 (44.736 MHz) or
STS-1 (51.84 MHz) rates that are independent of
each other. Each transmitter can be turned off and tri-
stated for redundancy support and for conserving
power.
The XRT75L04D’s differential receivers provide high
noise interference margin and are able to receive the
data over 1000 feet of cable or with up to 12 dB of
cable attenuation.
The XRT75L04D incorporates an advanced crystal-
less jitter attenuator per channel that can be selected
either in the transmit or receive path. The jitter
attenuator performance meets the ETSI TBR-24 and
Telcordia GR-499, GR-253 specifications. Also, the
jitter attenuator can be used for clock smoothing in
SONET STS-1 to DS3 de-mapping.
The XRT75L04D provides both Serial Microprocessor
Interface as well as Hardware mode for programming
and control.
The XRT75L04D supports local, remote and digital
loop-backs. The XRT75L04D also contains an on-
board Pseudo Random Binary Sequence (PRBS)
generator and detector with the ability to insert and
detect single bit error.
FEATURES
RECEIVER:
On chip Clock and Data Recovery circuit for high
input jitter tolerance.
Meets the jitter tolerance requirements as specified
in ITU-T G.823_1993 for E3 and Telcordia GR-499-
CORE for DS3 applications.
Detects and Clears LOS as per G.775.
Receiver Monitor mode handles up to 20 dB flat
loss with 6 dB cable attenuation.
On chip B3ZS/HDB3 encoder and decoder that can
either be enabled or disabled.
On-chip clock synthesizer generates the
appropriate rate clock from a single frequency
XTAL.
Provides low jitter clock outputs for either DS3,E3
or STS-1 rates.
TRANSMITTER:
Compliant with Telcordia GR-499, GR-253 and
ANSI T1.102 Specification for transmit pulse
Tri-state Transmit output capability for redundancy
applications
Transmitters can be turned on or off.
JITTER ATTENUATOR:
On chip advanced crystal-less Jitter Attenuator.
Jitter Attenuators can be selected in Receive or
Transmit paths.
Compliant with jitter transfer template outlined in
ITU G.751, G.752, G.755, GR-253 and GR-499-
CORE,1995 standards.
Meets ETSI TBR 24 Jitter Transfer Requirements.
16 ,32 or 128 bits selectable FIFO size.
Meets the Wander specifications described in
T1.105.03b.
Jitter Attenuators can be disabled.
CONTROL AND DIAGNOSTICS:
Serial Microprocessor Interface for control and
configuration.
Supports optional internal Transmit Driver
Monitoring.
PRBS error counter register to accumulate errors.
Supports Local, Remote and Digital Loop-backs.
Single 3.3 V ± 5% power supply.
5 V Tolerant I/O.
Maximum Power Dissipation 1.8W.
Available in 176 pin QFP package
- 40°C to 85°C Industrial Temperature Range.
APPLICATIONS
E3/DS3 Access Equipment.
STS1-SPE to DS3 Mapper.
DSLAMs.
Digital Cross Connect Systems.
CSU/DSU Equipment.
Routers.


Similar Part No. - XRT75L04D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L04IV EXAR-XRT75L04IV Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results

Similar Description - XRT75L04D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com