Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L04IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75L04IV
Description  FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L04IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75L04IV Datasheet HTML 6Page - Exar Corporation XRT75L04IV Datasheet HTML 7Page - Exar Corporation XRT75L04IV Datasheet HTML 8Page - Exar Corporation XRT75L04IV Datasheet HTML 9Page - Exar Corporation XRT75L04IV Datasheet HTML 10Page - Exar Corporation XRT75L04IV Datasheet HTML 11Page - Exar Corporation XRT75L04IV Datasheet HTML 12Page - Exar Corporation XRT75L04IV Datasheet HTML 13Page - Exar Corporation XRT75L04IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
XRT75L04
8
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
91
100
130
121
REQEN_0
REQEN_1
REQEN_2
REQEN_3
I
Receive Equalizer On/Off - Channel 0:
Receive Equalizer On/Off- Channel 1:
Receive Equalizer On/Off - Channel 2:
Receive Equalier On/Off- Channel 3:
Tie these pins “High” to enable the receive equalizer.
NOTES:
1.
This input pin is ignored and should be connected to GND if the
XRT75L04 is operating in the HOST Mode
2.
This pin is internally pulled down.
87
RxON/
SDI
I
Hardware Mode: Receiver Turn ON Input
Host Mode: Serial Data Input:
Function of this pin depends on whether the XRT75L04 is configured to operate
in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” turns on and enables the
Receivers of all three channels.
NOTES:
1.
If the XRT75L04 is configured in HOST mode, this pin functions as
SDI input pin (please refer to the pin description for Microprocessor
Interface)
2.
This pin is internally pulled down.
86
RxClkINV/
CS
I
Hardware Mode: RxClk INVERT
Host Mode: Chip Select:
Function of this pin depends on whether the XRT75L04 is configured to operate
in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Receiver Sec-
tion of all channels to invert the RxClk_n output signals and outputs the recov-
ered data via RPOS_n and RNEG_n on the falling edge of RxClk_n.
NOTE: If the XRT75L04 is configured in HOST mode, this pin functions as CS
input pin (please refer to the pin description for Microprocessor
Interface).
85
RxMON/
SDO
I
Hardware Mode: Receive Monitoring Mode
Host Mode: Serial Data Output:
In Hardware mode, when this pin is tied “High” all 4 channels configure into
monitoring channels. In the monitoring mode, the Receiver is capable of moni-
toring the signals with 20 dB flat loss plus 6 dB cable attenuation. This allows
monitoring very weak signal before declaring LOS.
In HOST Mode each channel can be independently configured to be a monitor-
ing channel by setting the bits in the channel control registers.
NOTE: If the XRT75L04 is configured in HOST mode, this pin functions as SDO
pin (please refer to the pin description for the Microprocessor Interface).
RECEIVE INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75L04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04DIV EXAR-XRT75L04DIV Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
   TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com