Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00IV Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT75VL00IV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00IV Datasheet(HTML) 3 Page - Exar Corporation

  XRT75VL00IV Datasheet HTML 1Page - Exar Corporation XRT75VL00IV Datasheet HTML 2Page - Exar Corporation XRT75VL00IV Datasheet HTML 3Page - Exar Corporation XRT75VL00IV Datasheet HTML 4Page - Exar Corporation XRT75VL00IV Datasheet HTML 5Page - Exar Corporation XRT75VL00IV Datasheet HTML 6Page - Exar Corporation XRT75VL00IV Datasheet HTML 7Page - Exar Corporation XRT75VL00IV Datasheet HTML 8Page - Exar Corporation XRT75VL00IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
XRT75VL00
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
3
Recovered Data can be muted while the LOS Condition is declared.
Outputs either Single-Rail or Dual-Rail data to the Terminal Equipment.
JITTER ATTENUATORS
The XRT75VL00 includes a Jitter Attenuator that meets the Jitter requirements specified in the ETSI TBR-24,
Bellcore GR-499 and GR-253 standards. In addition, the jitter attenuator also meets the Jitter and Wander
specifications described in the ANSI T1.105.03b 1997, Bellcore GR-253 and GR-499 standards.
FIGURE 2. PIN OUT OF THE XRT75VL00
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT75VL00IV
52 Pin TQFP
-40°C to +85°C
XRT75VL00
(top view)
40
41
42
43
44
45
46
47
48
49
50
51
52
26
25
24
23
22
21
20
19
18
17
16
15
14
DMO
MTIP
MRING
JaAGND
ExClk/12M
JaAVDD
TxClk
TPData
TNData
DGND
TTIP
TRING
DVDD
SCLK (TxClkINV)
SDI (RxON)
CS (RxClkINV)
REQEN
SR/DR
HOST/HW
E3
STS1/DS3
RLB
LLB
ICT
TEST
RESET


Similar Part No. - XRT75VL00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00IV EXAR-XRT75VL00IV Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75VL00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com