Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L73 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT79L73
Description  3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L73 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT79L73 Datasheet HTML 6Page - Exar Corporation XRT79L73 Datasheet HTML 7Page - Exar Corporation XRT79L73 Datasheet HTML 8Page - Exar Corporation XRT79L73 Datasheet HTML 9Page - Exar Corporation XRT79L73 Datasheet HTML 10Page - Exar Corporation XRT79L73 Datasheet HTML 11Page - Exar Corporation XRT79L73 Datasheet HTML 12Page - Exar Corporation XRT79L73 Datasheet HTML 13Page - Exar Corporation XRT79L73 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
XRT79L73
PRELIMINARY
ÿþ
ÿþ
ÿþ
ÿþ
REV. P1.0.0
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
8
U5
N24
V2
TxFrame1
TxFrame2
TxFrame3
O
O
O
Transmit End of DS3/E3 Frame Indicator:
These output pins will pulse "High" for one DS3 or E3 clock period, when the
Transmit Section of the XRT79L73 is processing the last bit of a given DS3 or E3
frame. The implications of these output pins, for each mode of operation, are
described below.
ATM UNI/PPP/High-Speed HDLC Controller Mode:
These output pins serve as an end-of-frame indication to the local terminal
equipment.
Clear-Channel Framer Mode:
If the XRT79L73 is configured to operate in the Clear-Channel Framer mode,
then these output pins serve to alert the Local Terminal Equipment that it needs
to begin transmission of a new DS3 or E3 frame. Hence, the Local Terminal
Equipment uses these output signals to maintain Framing Alignment with the
XRT79L73.
AF1
W25
AF2
TxFrameRef1
TxFrameRef2
TxFrameRef3
I
I
I
Transmit DS3/E3 Framer - Framing Alignment Input pin:
If the the Transmit Section of the XRT79L73 is configured to operate in the
Local-Timing/Frame-Slave Mode, then the Transmit DS3/E3 Framer block will
use these input signals as the Framing Reference.
When the XRT79L73 is configured to operate in this mode any rising edge at
these input pins will cause the Transmit DS3/E3 Framer block to begin its cre-
ation of a new DS3 or E3 frame. Consequently, the user must supply a clock sig-
nal that is equivalent to the DS3 or E3 frame rates to these input pins. Further, it
is imperative that this clock signal be synchronized with the 44.736MHz or
34.368MHz clock signal applied to the TxInClk input pins.
NOTE: These input pins should be tied to GND if they are not to be used as the
Transmit DS3/E3 Framer - Framing Reference input signals.
U4
N25
V1
TxInClk1
TxInClk2
TxInClk3
I
I
I
Transmit DS3/E3 Framer Block - Timing Reference Signal:
If the Transmit Section of the XRT79L73 is configured to operate in the Local-
Timing Mode, then it will use this signal as the Timing Reference. If the
XRT79L73 is being operating in the DS3 Mode, then the user is expected to
apply a high-quality 44.736MHz clock signal to these input pins. Likewise, if the
XRT79L73 is being operated in the E3 Mode, then the user is expected to apply
a high-quality 34.368MHz clock signal to these input pins.
A Note for Clear-Channel Framer Operation:
If the user is operating the XRT79L73 device in both the Clear-Channel
Framer and Local-Timing modes, then the user should design or
configure the System-Side terminal equipment circuitry, such that
"outbound" DS3 or E3 data will be output, upon the falling edge of
TxInClk. The Transmit Payload Data Input Interface (within the Transmit
Section of the XRT79L73 device) will sample the data, applied to the
"TxSer" input pin, upon the rising edge of TxInClk.
NOTE: This input pin should be tied to GND if the XRT79L73 device is configured
to operate in the "Loop-Timing" Mode.
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT79L73

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results

Similar Description - XRT79L73

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
   2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
   4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com