Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L73IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT79L73IB
Description  3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L73IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT79L73IB Datasheet HTML 7Page - Exar Corporation XRT79L73IB Datasheet HTML 8Page - Exar Corporation XRT79L73IB Datasheet HTML 9Page - Exar Corporation XRT79L73IB Datasheet HTML 10Page - Exar Corporation XRT79L73IB Datasheet HTML 11Page - Exar Corporation XRT79L73IB Datasheet HTML 12Page - Exar Corporation XRT79L73IB Datasheet HTML 13Page - Exar Corporation XRT79L73IB Datasheet HTML 14Page - Exar Corporation XRT79L73IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
ÿþ
ÿþ
ÿþ
ÿþ
PRELIMINARY
XRT79L73
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.0
9
AD2
Y22
AB4
TxOH1/
TxHDLCDat1_5
TxOH2/
TxHDLCDat2_5
TxOH3/
TxHDLCDat3_5
I
I
I
Transmit Overhead Data Input/Transmit HDLC Controller Data Bit 5 input
pins:
The function of these input pins depend upon whether or not the XRT79L73 has
been configured to operate in the High-Speed HDLC Controller Mode.
Non-High Speed HDLC Controller Mode - TxOH:
The Transmit Overhead Data Input Interface accepts overhead via these input
pins, and insert this data into the overhead bit positions within the outbound DS3
or E3 frames. If the TxOHIns input pins are pulled "High", then the Transmit
Overhead Data Input Interface will sample the overhead data, via these input
pins, upon the falling edge of the TxOHClk output signals.
Conversely, if the TxOHIns input pins are NOT pulled "High", then the Transmit
Overhead Data Input Interface block will be inactive and will not accept any over-
head data via the TxOH input pins.
High Speed HDLC Controller Mode - TxHDLCDat_5:
If the XRT79L73 is configured to operate in the High-Speed HDLC Controller
mode, then the local terminal equipment will be provided with a byte-wide Trans-
mit HDLC Controller byte-wide input interface. These input pins will function as
Bit 5 within this byte wide interface.
Data, residing on the Transmit HDLC Controller byte wide input interface, will be
sampled upon the rising edge of the TxHDLCClk output signals.
AC2
W26
AB3
TxOHIns1/
TxHDLCDat1_4
TxOHIns2/
TxHDLCDat2_4
TxOHIns3/
TxHDLCDat3_4
I
I
I
Transmit Overhead Data Insert Input/Transmit HDLC Controller Data Bit 4
input pins:
The function of these input pins depend upon whether or not the XRT79L73 has
been configured to operate in the High-Speed HDLC Controller Mode.
Non-High Speed HDLC Controller Mode - TxOHIns:
This input pins are used to either enable or disable the Transmit Overhead Data
Input Interface block. If the Transmit Overhead Data Input Interface block is
enabled, then it will accept overhead data from the local terminal equipment via
the TxOH input pins; and insert this data into the overhead bit positions within the
outbound DS3 or E3 data stream.
Conversely, if the Transmit Overhead Data Input Interface block is disabled, then
it will NOT accept overhead data from the local terminal equipment. Pulling
these input pins "High" enables the Transmit Overhead Data Input Interface
block. Pulling these input pins "Low" disables the Transmit Overhead Data Input
Interface block.
High-Speed HDLC Controller Mode - TxHDLCDat_4:
If the XRT79L73 is configured to operate in the High-Speed HDLC Controller
mode, then the local terminal equipment will be provided with a byte-wide Trans-
mit HDLC Controller byte-wide input interface. These input pins will function as
Bit 4 within this byte wide interface.
Data, residing on the Transmit HDLC Controller byte wide input interface, will be
sampled upon the rising edge of the TxHDLCClk output signals.
G3
A26
J1
TxOHClk1
TxOHClk2
TxOHClk3
O
O
O
Transmit Overhead Clock Output:
These output pins functions as the Transmit Overhead Data Input Interface clock
signals. If the user enables the Transmit Overhead Data Input Interface block by
asserting the TxOHIns input pins, then the Transmit Overhead Data Input Inter-
face block will sample and latch the data residing on the TxOH input pins upon
the falling edge of these signals.
NOTE: The Transmit Overhead Data Input Interface block is disabled if the user
has configured the XRT79L73 to operate in the High-Speed HDLC
Controller Mode.
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT79L73IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results

Similar Description - XRT79L73IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
   2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L74 EXAR-XRT79L74 Datasheet
876Kb / 70P
   4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com