Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L74 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT79L74
Description  4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L74 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT79L74 Datasheet HTML 3Page - Exar Corporation XRT79L74 Datasheet HTML 4Page - Exar Corporation XRT79L74 Datasheet HTML 5Page - Exar Corporation XRT79L74 Datasheet HTML 6Page - Exar Corporation XRT79L74 Datasheet HTML 7Page - Exar Corporation XRT79L74 Datasheet HTML 8Page - Exar Corporation XRT79L74 Datasheet HTML 9Page - Exar Corporation XRT79L74 Datasheet HTML 10Page - Exar Corporation XRT79L74 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
PRELIMINARY
XRT79L74
4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.0
5
U26
RDY/DTACK
O
READY or DTACK:
This active-low output pin will function as the READY output when the Microproces-
sor Interface is configured to operate in the Intel Mode; and will function as the
DTACK output when the Microprocessor Interface is running in the Motorola Mode.
Intel Mode - READY output:
When the Framer/UNI negates this output pin (e.g., toggles it "Low") it indicates to
the Microprocessor that the current READ or WRITE operation is to be extended until
this signal is asserted (e.g., toggled "High").
Motorola Mode - DTACK Data Transfer Acknowledge Output:
The Framer/UNI will assert this pin in order to inform the Microprocessor that the
present READ or WRITE cycle is nearly complete. If the Framer/UNI requires that
the current READ or WRITE cycle be extended, then the Framer/UNI will delay its
assertion of this signal. The 68000 family of Microprocessors requires this signal
from its peripheral devices, in order to quickly and properly complete a READ or
WRITE cycle.
AF4
RESET
I
Reset Input:
When this active-low signal is asserted, the Framer/UNI device will be asynchro-
nously reset. When this occurs, all outputs will be tri-stated and all on-chip registers
will be reset to their default values.
AA26
µPCLK
I
Microprocessor Interface Clock Input:
This clock input signal is used for synchronous/burst/DMA data transfer operations.
This clock can be running up to 33MHz.
AC23
WR/R/W
I
Write Strobe Intel Mode:
If the Microprocessor Interface is configured to operate in the Intel Mode, then this
active-low input pin functions as the WR (WRITE Strobe) input signal from the Micro-
processor. Once this active-low signal is asserted, the Framer/UNI will latch the con-
tents of the bi-directional data D[7:0] into the addressed registers or Buffer location
within the Framer/UNI IC.
R/W Input Pin Motorola Mode:
When the Microprocessor Interface Section is operating in the Motorola Mode, then
this pin is functionally equivalent to the R/W pin. In the Motorola Mode, a READ
operation occurs if this pin is at a logic "1". Similarly a WRITE operation occurs if this
pin is at a logic "0".
AB22
AC22
AD22
PTYPE_0
PTYPE_1
PTYPE_2
I
Microprocessor Type Select input:
These three input pins are used to configure the Microprocessor Interface block to
readily support a wide variety of Microprocessor Interfaces. The relationship
between the settings of these input pins and the corresponding Microprocessor Inter-
face configuration is presented below.
"000" = Intel Asynchronous Mode
"001" = Motorola Asynchronous Mode
"111" = Power PC Mode
AF22
DBEN
I
Bi-directional Data Bus Enable Input pin:
If the Microprocessor Interface is operating in the Intel-I960 Mode, then this input pin
is used to enable the Bi-directional Data Bus.
Setting this input pin "Low" enables the Bi-directional Data bus. Setting this input
"High" tri-states the Bi-directional Data Bus.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT79L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71 EXAR-XRT79L71 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT79L71 EXAR-XRT79L71 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT79L71IB EXAR-XRT79L71IB Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L71IB EXAR-XRT79L71IB Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
More results

Similar Description - XRT79L74

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT79L71 EXAR-XRT79L71 Datasheet
4Mb / 441P
   1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L72 EXAR-XRT79L72 Datasheet
800Kb / 72P
   2 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT79L73 EXAR-XRT79L73 Datasheet
466Kb / 71P
   3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
XRT74L74 EXAR-XRT74L74 Datasheet
3Mb / 498P
   4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT74L73 EXAR-XRT74L73 Datasheet
2Mb / 488P
   3 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com