Electronic Components Datasheet Search |
|
XRT81L27 Datasheet(PDF) 10 Page - Exar Corporation |
|
XRT81L27 Datasheet(HTML) 10 Page - Exar Corporation |
10 / 30 page XRT81L27 áç áç áç áç SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY REV. 1.1.0 8 102 RPOS_3/ RDATA_3 O Receiver 3 Positive/NRZ Data Output: (see pin 35) 103 AVDD AVdd Analog Positive Supply(3.3V± 5%) 104 AGND Gnd Analog Supply Ground 105 TClk_1 I Transmitter 1 Clock Input: E1 rate at 2.048MHz ± 50ppm. 106 TPOS_1/ TDATA_1 I Transmitter 1 Positive/ NRZ Data Input: (see pin 38) 107 TNEG_1/ CODE_1 I-L Transmitter 1 Negative Data Input: (see pin 39) 108 TAOS_1 I-L Transmit All Ones Channel_1: (see pin 40) 109 TClk_3 I Transmitter 3 Clock Input: E1 rate at 2.048MHz ± 50ppm. 110 TPOS_3/ TDATA_3 I Transmitter 3 Positive/ NRZ Data Input: (see pin 38) 111 TNEG_3/ CODE_3 I-L Transmitter 3 Negative Data Input: (see pin 39) 112 TAOS_3 I-L Transmit All Ones Channel_4: (see pin 40) 113 TAOS_2 I-L Transmit All Ones Channel_ 2: (see pin 40) 114 TNEG_2/ CODE_2 I-L Transmitter 2 Negative Data Input: (see pin 39) 115 TPOS_2/ TDATA_2 I Transmitter 2 Positive/ NRZ Data Input: (see pin 38) 116 TClk_2 I Transmitter 2 Clock Input: E1 rate at 2.048MHz ± 50ppm. 117 TAOS_0 I-L Transmit All Ones Channel_ 0: (see pin 40) 118 TNEG_0/ CODE_0 I-L Transmitter 0 Negative Data Input: (see pin 39) 119 TPOS_0/ TDATA_0 I Transmitter 0 Positive/ NRZ Data Input: (see pin 38) 120 TClk_0 I Transmitter 0 Clock Input: E1 rate at 2.048MHz ± 50ppm. 121 GND Gnd Digital Supply Ground 122 VDD Vdd Digital Positive Supply(3.3V± 5%) 123 RPOS_2/ RDATA_2 O Receiver 2 Positive/NRZ Data Output: (see pin 35) 124 RNEG_2/ LCV_2 O Receiver 2 Negative Data Output: (see pin 34) 125 RClk_2 O Receiver 2 Clock Output: 126 LOS_2 O Receiver 2 Loss of Signal: (see pin 2) PIN DESCRIPTIONS NOTE: I -H indicates an input pin with a 50k Ω pull-up Resistor, I-L indicates an input pin with a 50kΩ pull-down resistor. PIN #NAME TYPE DESCRIPTION |
Similar Part No. - XRT81L27 |
|
Similar Description - XRT81L27 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |