Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT81L27 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT81L27
Description  SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT81L27 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT81L27 Datasheet HTML 3Page - Exar Corporation XRT81L27 Datasheet HTML 4Page - Exar Corporation XRT81L27 Datasheet HTML 5Page - Exar Corporation XRT81L27 Datasheet HTML 6Page - Exar Corporation XRT81L27 Datasheet HTML 7Page - Exar Corporation XRT81L27 Datasheet HTML 8Page - Exar Corporation XRT81L27 Datasheet HTML 9Page - Exar Corporation XRT81L27 Datasheet HTML 10Page - Exar Corporation XRT81L27 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
áç
áç
áç
áç
XRT81L27
SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
REV. 1.1.0
5
43
TClk_6
I
Transmitter 6 Clock Input: E1 rate at 2.048MHz ± 50ppm.
44
TPOS_6/
TDATA_6
I
Transmitter 6 Positive Data/ NRZ Input: (see pin 38)
45
TNEG_6/
CODE_6
I-L
Transmitter 6 Negative Data Input: (see pin 39)
46
TAOS_6
I-L
Transmit All Ones Channel_6: (see pin 40)
47
SDO
LBM
O
I
Serial Data Output: (Host Mode)
This pin is the Serial Data Output port for the Microprocessor Serial
Interface access.
Loop-back Mode: (Hardware Mode)
When this pin is tied "High", Analog Local loop-back is selected.
Connect this pin "Low" to select remote loop-back. Digital Local loop-
back is not supported in Hardware Mode.
48
SDI
B1
I
Serial Data Input Port:
Host Mode, this pin is the serial data input port (see Figure 5).
Hardware Mode, B1, together with B2 (pin 49) and B3 (pin 50) are con-
trol bits used to select which one of the seven channels to be placed in
Loop-back mode. Analog or Remote Loop-back is determined by LBM
(pin 47).
49
SClk
B2
I
Microprocessor Serial Interface Clock:
Host Mode, this clock signal is used to clock SDI/SDO for the Serial
Interface.
Hardware Mode, B2, together with B1 and B3 are control bits to select
which of the seven channels to be placed in Loop-back mode.(see pin 48
description)
50
CS
B3
I
Chip Select Input:
Host Mode, this pin must be asserted "Low" in order to enable commu-
nication with the device via the Serial Interface.
Hardware Mode, B3, together with B1 and B2 are control bits to select
which of the seven channels to be placed in Loop-back mode. (see pin
48 description)
51
TAOS_5
I-L
Transmit All Ones Channel_5: (see pin 40)
PIN DESCRIPTIONS
NOTE: I -H indicates an input pin with a 50k
Ω pull-up Resistor, I-L indicates an input pin with a 50kΩ pull-down resistor.
PIN #NAME
TYPE
DESCRIPTION
Loop-back Channel Control
B1
B2
B3
Chan. #
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
All


Similar Part No. - XRT81L27

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
   Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT81L27

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
   Seven-Channel E1 Line Interface
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com