Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83D10IW Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83D10IW
Description  SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83D10IW Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83D10IW Datasheet HTML 6Page - Exar Corporation XRT83D10IW Datasheet HTML 7Page - Exar Corporation XRT83D10IW Datasheet HTML 8Page - Exar Corporation XRT83D10IW Datasheet HTML 9Page - Exar Corporation XRT83D10IW Datasheet HTML 10Page - Exar Corporation XRT83D10IW Datasheet HTML 11Page - Exar Corporation XRT83D10IW Datasheet HTML 12Page - Exar Corporation XRT83D10IW Datasheet HTML 13Page - Exar Corporation XRT83D10IW Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
XRT83D10
xr
SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
REV. 1.0.3
10
1.0
SYSTEM DESCRIPTION:
1.1
RECEIVER:
The XRT83D10, a single channel DS1/CEPT Line Interface Unit is a fully integrated transceiver that provides
an electrical interface for DS1 carrier rate (1.544 Mbits/s) or CEPT rate (2.048 Mbits/s) applications.The bipolar
input signals at RTIP and RRING are applied to the peak detector and slicer.Timing recovery is performed by
the Clock and Data Recovery block. EC1,EC2 and EC3 rate control inputs must be set appropriately for DS1 or
CEPT operation. The digital representation of the AMI signals goes to the clock recovery circuit for timing re-
covery before being output to the RPDATA and RNDATA pins. Clock timing recovery of the line interface is ac-
complished by means of a digital PLL scheme which has high input jitter tolerance.
A continuously active (ungapped or unswitched) reference clock must be present at ExCLK to enable the
Timing Generator block. ExCLK must be an independent reference such as an oscillator or system clock for
proper operation. The ExCLK frequency must be 1.544 MHz ± 130 ppm for DS1 operation or 2.048 MHz ± 80
ppm for CEPT operation.
Any data pattern with a minimum long-term 1s density of 12.5% with 15 or fewer consecutive 0s is allowed.
1.1.1
Loss of Signal:
Both digital (DLOS) and analog (ALOS) loss-of-signal detection are used. The analog signal detector uses the
output of the peak detector to determine if a signal is present at RTIP and RRING. If the input amplitude drops
below approximately 0.4 Vp, the analog detector becomes active.Hysteresis is provided in the analog detector
to eliminate ALOS chattering. Either the analog or digital detector sets RLOS "High".
1.2
TRANSMITTER:
The transmitter accepts a clock with positive and negative data (dual-rail NRZ format) and converts the signal
to a balanced bipolar data signal (AMI format). Positive 1s are produced by a positive pulse on device pin TTIP
and negative 1s are produced by a positive pulse on device pin TRING. Binary 0s are converted to null pulses.
All pulse shapes are controlled on-chip according to equalizer control inputs as defined in Table 6 below.
NOTES:
1.
* Distance to DSX in feet for 22-Ga. Use maximum loss figures for other cable types.
2.
** dB at 772 kHz.
Transmitter specifications are shown in Figure 6. The DS1 pulse shape template is specified at the DSX and is
illustrated in Figure 6.CEPT transmit waveforms at the device output conform to the template shown in
Figure 7.
TABLE 6: EQUALIZER/RATE CONTROL
OPERATION
CLOCK RATE
TRANSMITTER
EQUALIZATION*
MAXIMUM
CABLE LOSS**
EC1
EC2
EC3
DS1
1.544 MHz
0 ft -131 ft
0.6
0
0
1
131 ft - 262 ft
1.2
0
1
0
262 ft - 393 ft
1.8
0
1
1
393 ft - 524 ft
2.4
1
0
0
524 ft - 655 ft
3.0
1
0
1
CEPT
2.048 MHz
75
-1
1
0
120
-1
1
1


Similar Part No. - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7290A ETC1-T7290A Datasheet
1Mb / 23P
   T7290A DS1/T1/CEPT Line Interface
T7290 ETC1-T7290 Datasheet
1Mb / 23P
   T7290 DS1/T1/CEPT Line Interface
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
XFMRS Inc.
XF0013D1 XFMRS-XF0013D1 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
1003 XFMRS-1003_15 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com