Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83D10IW Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT83D10IW
Description  SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83D10IW Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT83D10IW Datasheet HTML 2Page - Exar Corporation XRT83D10IW Datasheet HTML 3Page - Exar Corporation XRT83D10IW Datasheet HTML 4Page - Exar Corporation XRT83D10IW Datasheet HTML 5Page - Exar Corporation XRT83D10IW Datasheet HTML 6Page - Exar Corporation XRT83D10IW Datasheet HTML 7Page - Exar Corporation XRT83D10IW Datasheet HTML 8Page - Exar Corporation XRT83D10IW Datasheet HTML 9Page - Exar Corporation XRT83D10IW Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
XRT83D10
xr
REV. 1.0.3
SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
6
NOTE: Power consumption measurement conditions with 50% 1s on the Transmit and Receive, TA = 250 C, VDD = 5V
NOTES:
1.
Measured at 772 KHz. 0dB is the Reference to 3.0Vp.
2. Measured at 1024 KHz (both for 75
and 120). 0dB is the Reference to 2.37Vp (75) and 3.0Vp (120)
TABLE 1: DC ELECTRICAL CHARACTERISTICS
Ta = -40°C to 85°C, Vdd = 5V ± 5% or 3.3V ± 5% unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input High Voltage
VIH
2.0
5.0
5.5
V
Input Low Voltage
VIL
0.5
0
0.8
V
Output High Voltage @IOH=5mA (See Note)
VDD=5.0v
VDD=3.3v
VOH
2.4
-
VDD
V
Output Low Voltage @ IOL=5mA (See Note)
VDD=5.0v
VDD=3.3v
VOL
0
-
0.4
V
Input Leakage Current (except input pins with pull-up
resistors)
IL
-
0
10
uA
Input Capacitance
CI
-
5
20
pF
Output Load Capacitance
CO
-
-
20
pF
ELECTRICAL CHARACTERISTICS- POWER SPECIFICATIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Dissipation:
With Jitter Attenuator
DS1 (EC1=0,EC2=1,EC3=1)
CEPT (75
Ω)
CEPT (120
Ω)
PD
275
275
275
350
350
350
mW
mW
mW
TABLE 2: RECEIVER CHARACTERISTICS
TA = -40°C to 85°C, VDD = 5V± 5% or 3.3V ± 5% Unless otherwise specified
PARAMETER
MIN.TYP.MAX
UNIT
Receiver Sensitivity
DS11
CEPT2
10
9
dB
Recovered Clock Jitter Transfer Corner Frequency
-
20
kHz
Jitter Attenuator Corner Frequency (-3dB curve)
-
3
Hz
Return Loss in E1 (CEPT) Mode
51kHz-102kHz
102kHz-2048kHz
2048kHz-3072kHz
12
18
14
dB
dB
dB


Similar Part No. - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83D10IW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7290A ETC1-T7290A Datasheet
1Mb / 23P
   T7290A DS1/T1/CEPT Line Interface
T7290 ETC1-T7290 Datasheet
1Mb / 23P
   T7290 DS1/T1/CEPT Line Interface
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
XFMRS Inc.
XF0013D1 XFMRS-XF0013D1 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
1003 XFMRS-1003_15 Datasheet
51Kb / 1P
   T1 / CEPT / DS1 MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com