Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L314 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT83L314
Description  14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L314 Datasheet(HTML) 2 Page - Exar Corporation

  XRT83L314 Datasheet HTML 1Page - Exar Corporation XRT83L314 Datasheet HTML 2Page - Exar Corporation XRT83L314 Datasheet HTML 3Page - Exar Corporation XRT83L314 Datasheet HTML 4Page - Exar Corporation XRT83L314 Datasheet HTML 5Page - Exar Corporation XRT83L314 Datasheet HTML 6Page - Exar Corporation XRT83L314 Datasheet HTML 7Page - Exar Corporation XRT83L314 Datasheet HTML 8Page - Exar Corporation XRT83L314 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
XRT83L314
14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
2
FEATURES
Fully integrated 14-Channel short haul and long
haul transceivers for T1/J1 (1.544MHz) and E1
(2.048MHz) applications.
T1/E1/J1 short haul, long haul, and clock rate are
per
port
selectable
through
software
without
changing components.
Internal Impedance matching on both receive and
transmit for 75
Ω (E1), 100Ω (T1), 110Ω (J1), and
120
Ω (E1) applications are per port selectable
through software without changing components.
Power down on a per channel basis with
independent receive and transmit selection.
Five pre-programmed transmit pulse settings for T1
short haul applications.
Arbitrary pulse generator for T1 and E1 modes.
Transmit line build outs (LBO) for T1 long haul
applications from 0dB to -22.5dB in three -7.5dB
steps on a per channel basis.
On-Chip transmit short-circuit protection and
limiting protects line drivers from damage on a per
channel basis.
Independent Crystal-Less digital jitter attenuators
(JA) with 32-Bit or 64-Bit FIFO for the receive and
transmit paths
On-Chip frequency multiplier generates T1 or E1
master clocks from a variety of external clock
sources (8, 16, 56, 64, 128, 256kHz and 1X, 2X,
4X, 8X T1 or E1)
Driver failure monitor output (DMO) alerts of
possible system or external component problems.
Transmit outputs and receive inputs may be "High"
impedance
for
protection
or
redundancy
applications on a per channel basis.
Support for automatic protection switching.
1:1 and 1+1 protection without relays.
Selectable receiver sensitivity from 0 to 36dB cable
loss in T1 @ 772kHz, and 0 to 43dB cable loss in
E1 @ 1,024kHz.
Receive monitor mode handles 0 to 29dB resistive
attenuation (flat loss) along with 0 to 6dB cable loss
for both T1 and E1.
Receiver line attenuation indication output in 1dB
steps.
Loss of signal (RLOS) according to ITU-T G.775/
ETS300233 (E1) and ANSI T1.403 (T1/J1).
Programmable receive slicer threshold (45%, 50%,
55%, or 68%) for improved receiver interference
immunity.
Programmable data stream muting upon RLOS
detection.
On-Chip HDB3/B8ZS encoder/decoder with an
internal 16-bit LCV counter for each channel.
On-Chip digital clock recovery circuit for high input
jitter tolerance.
QRSS pattern generator and detection for testing
and monitoring.
Error and bipolar violation insertion and detection.
Transmit all ones (TAOS) and in-band network loop
up and loop down code generation.
Automatic loop code detection for remote loopback
activation.
Supports local analog, remote, digital, and dual
loopback modes.
Low Power dissipation: 170mW per channel (50%
density).
250mW per channel maximum power dissipation
(100% density).
Single 3.3V supply operation (3V to 5V I/O
tolerant).
304-Pin TBGA package
-40°C to +85°C Temperature Range
Supports gapped clocks for mapper/multiplexer
applications.
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT83L314IB
304 Lead TBGA
-40°C to +85°C


Similar Part No. - XRT83L314

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L314

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com