Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L314IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83L314IB
Description  14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L314IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83L314IB Datasheet HTML 3Page - Exar Corporation XRT83L314IB Datasheet HTML 4Page - Exar Corporation XRT83L314IB Datasheet HTML 5Page - Exar Corporation XRT83L314IB Datasheet HTML 6Page - Exar Corporation XRT83L314IB Datasheet HTML 7Page - Exar Corporation XRT83L314IB Datasheet HTML 8Page - Exar Corporation XRT83L314IB Datasheet HTML 9Page - Exar Corporation XRT83L314IB Datasheet HTML 10Page - Exar Corporation XRT83L314IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
XRT83L314
14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
3
PIN DESCRIPTIONS
MICROPROCESSOR
NAME
PIN
TYPE
DESCRIPTION
CS
A22
I
Chip Select Input
Active low signal. This signal enables the microprocessor interface by pulling
chip select "Low". The microprocessor interface is disabled when the chip
select signal returns "High".
ALE_TS
C19
I
Address Latch Enable Input (Transfer Start)
See the Microprocessor section of this datasheet for a description.
WR_R/W
A20
I
Write Strobe Input (Read/Write)
See the Microprocessor section of this datasheet for a description.
RD_WE
D18
I
Read Strobe Input (Write Enable)
See the Microprocessor section of this datasheet for a description.
RDY_TA
AA3
O
Ready Output (Transfer Acknowledge)
See the Microprocessor section of this datasheet for a description.
INT
B3
O
Interrupt Output
Active low signal. This signal is asserted "Low" when a change in alarm status
occurs. Once the status registers have been read, the interrupt pin will return
"High". GIE (Global Interrupt Enable) must be set "High" in the appropriate
global register to enable interrupt generation.
NOTE: This pin is an open-drain output that requires an external 10K
Ω pull-up
resistor.
µPCLK
AB2
I
Micro Processor Clock Input
In a synchronous microprocessor interface, µPCLK is used as the internal tim-
ing reference for programming the LIU.
ADDR10
ADDR9
ADDR8
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
A23
E20
C22
Y18
AA19
AB20
AC21
AB21
AA20
Y19
AC22
I
Address Bus Input
ADDR[10:8] is used as a chip select decoder. The LIU has 5 chip select output
pins for enabling up to 5 additional devices for accessing internal registers.
The LIU has the option to select itself (master device), up to 5 additional
devices, or all 6 devices simultaneously by setting the ADDR[10:8] pins speci-
fied below. ADDR[7:0] is a direct address bus for permitting access to the
internal registers.
ADDR[10:8]
000 = Master Device
001 = Chip Select Output 1 (Pin B21)
010 = Chip Select Output 2 (Pin D19)
011 = Chip Select Output 3 (Pin C20)
100 = Chip Select Output 4 (Pin A21)
101 = Chip Select Output 5 (Pin B20)
110 = Reserved
111 = All Chip Selects Active Including the Master Device


Similar Part No. - XRT83L314IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L314IB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com