Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SH38 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT83SH38
Description  8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH38 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT83SH38 Datasheet HTML 4Page - Exar Corporation XRT83SH38 Datasheet HTML 5Page - Exar Corporation XRT83SH38 Datasheet HTML 6Page - Exar Corporation XRT83SH38 Datasheet HTML 7Page - Exar Corporation XRT83SH38 Datasheet HTML 8Page - Exar Corporation XRT83SH38 Datasheet HTML 9Page - Exar Corporation XRT83SH38 Datasheet HTML 10Page - Exar Corporation XRT83SH38 Datasheet HTML 11Page - Exar Corporation XRT83SH38 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
XRT83SH38
5
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.3
PIN DESCRIPTION BY FUNCTION
RECEIVE SECTION
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION
RXON
K16
I
Receiver On
Hardware Mode Only
This pin is used to enable the receivers for all channels. By default, the receivers
are turned on in hardware mode. To turn the receivers off, this "Low".
NOTE: Internally pulled "High" with 50k
Ω resistor.
RLOS0
RLOS1
RLOS2
RLOS3
RLOS4
RLOS5
RLOS6
RLOS7
C3
H4
H15
A16
V3
L2
J15
T15
O
Receive Loss of Signal
When a receive loss of signal occurs according to ITU-T G.775, the RLOS pin will go
"High" for a minimum of one RCLK cycle. RLOS will remain "High" until the loss of
signal condition clears. See the Receive Loss of Signal section of this datasheet for
more details.
NOTE: This pin can be used for redundancy applications to initiate an automatic
switch to a backup card.
RCLK0
RCLK1
RCLK2
RCLK3
RCLK4
RCLK5
RCLK6
RCLK7
B3
H3
H16
A17
U3
L3
M15
U16
O
Receive Clock Output
RCLK is the recovered clock from the incoming data stream. If the incoming signal
is absent or RTIP/RRING are in "High-Z", RCLK maintains its timing by using an
internal master clock as its reference. RPOS/RNEG data can be updated on either
edge of RCLK selected by RCLKE.
NOTE: RCLKE is a global setting that applies to all 8 channels.
RNEG/LCV0
RNEG/LCV1
RNEG/LCV2
RNEG/LCV3
RNEG/LCV4
RNEG/LCV5
RNEG/LCV6
RNEG/LCV7
A2
H2
H18
B16
T4
M4
M16
V17
O
RNEG/LCV_OF Output
In dual rail mode, this pin is the receive negative data output. In single rail mode,
this pin is a Line Code Violation / Counter Overflow indicator. If LCV is selected by
programming the appropriate global register and if a line code violation, a bi-polar
violation, or excessive zeros occur, the LCV pin will pull "High" for a minimum of one
RCLK cycle. LCV will remain "High" until there are no more violations. However, if
OF (Overflow) is selected the LCV pin will pull "High" if the internal LCV counter is
saturated. The LCV pin will remain "High" until the LCV counter is reset.
RPOS0
RPOS1
RPOS2
RPOS3
RPOS4
RPOS5
RPOS6
RPOS7
B2
G2
D15
B17
U2
M3
L17
T17
O
RPOS/RDATA Output
Receive digital output pin. In dual rail mode, this pin is the receive positive data out-
put. In single rail mode, this pin is the receive non-return to zero (NRZ) data output.


Similar Part No. - XRT83SH38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38IB EXAR-XRT83SH38IB Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SH38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com