Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SH314 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SH314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH314 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SH314 Datasheet HTML 7Page - Exar Corporation XRT83SH314 Datasheet HTML 8Page - Exar Corporation XRT83SH314 Datasheet HTML 9Page - Exar Corporation XRT83SH314 Datasheet HTML 10Page - Exar Corporation XRT83SH314 Datasheet HTML 11Page - Exar Corporation XRT83SH314 Datasheet HTML 12Page - Exar Corporation XRT83SH314 Datasheet HTML 13Page - Exar Corporation XRT83SH314 Datasheet HTML 14Page - Exar Corporation XRT83SH314 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
XRT83SH314
7
REV. 1.0.3
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
RNEG13
RNEG12
RNEG11
RNEG10
RNEG9
RNEG8
RNEG7
RNEG6
RNEG5
RNEG4
RNEG3
RNEG2
RNEG1
RNEG0
AA14
Y21
P21
N21
H21
G21
C14
C10
F3
G3
N3
P3
Y3
AA10
O
RNEG/LCV_OF Output
In dual rail mode, this pin is the receive negative data output. In single rail
mode, this pin is a Line Code Violation / Counter Overflow indicator. If LCV is
selected by programming the appropriate global register and if a line code vio-
lation, a bi-polar violation, or excessive zeros occur, the LCV pin will pull "High"
for a minimum of one RCLK cycle. LCV will remain "High" until there are no
more violations. However, if OF is selected the LCV pin will pull "High" if the
internal LCV counter is saturated. The LCV pin will remain "High" until the LCV
counter is reset.
RTIP13
RTIP12
RTIP11
RTIP10
RTIP9
RTIP8
RTIP7
RTIP6
RTIP5
RTIP4
RTIP3
RTIP2
RTIP1
RTIP0
AC14
Y23
T23
P23
G23
E23
A14
A9
E1
G1
P1
T1
Y1
AC9
I
Receive Differential Tip Input
RTIP is the positive differential input from the line interface. Along with the
RRING signal, these pins should be coupled to a 1:1 transformer for proper
operation.
RRING13
RRING12
RRING11
RRING10
RRING9
RRING8
RRING7
RRING6
RRING5
RRING4
RRING3
RRING2
RRING1
RRING0
AC13
W23
U23
N23
H23
D23
A13
A10
D1
H1
N1
U1
W1
AC10
I
Receive Differential Ring Input
RRING is the negative differential input from the line interface. Along with the
RTIP signal, these pins should be coupled to a 1:1 transformer for proper oper-
ation.
RECEIVER SECTION
NAME
PIN
TYPE
DESCRIPTION


Similar Part No. - XRT83SH314

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314IB EXAR-XRT83SH314IB Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314_0610 EXAR-XRT83SH314_0610 Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SH314

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314_0610 EXAR-XRT83SH314_0610 Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com