Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL28 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SL28
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SL28 Datasheet HTML 7Page - Exar Corporation XRT83SL28 Datasheet HTML 8Page - Exar Corporation XRT83SL28 Datasheet HTML 9Page - Exar Corporation XRT83SL28 Datasheet HTML 10Page - Exar Corporation XRT83SL28 Datasheet HTML 11Page - Exar Corporation XRT83SL28 Datasheet HTML 12Page - Exar Corporation XRT83SL28 Datasheet HTML 13Page - Exar Corporation XRT83SL28 Datasheet HTML 14Page - Exar Corporation XRT83SL28 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
xr
XRT83SL28
REV. 1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
9
POWER AND GROUND (HOST AND HARDWARE MODES)
NAME
PIN
TYPE
DESCRIPTION
TVDD7
TVDD6
TVDD5
TVDD4
TVDD3
TVDD2
TVDD1
TVDD0
79
83
98
102
30
26
11
7
PWR
Transmit Analog Power Supply (3.3V ±5%)
TVDD can be shared with DVDD. However, it is recommended that TVDD be
isolated from the analog power supply RVDD. For best results, use an internal
power plane for isolation. If an internal power plane is not available, a ferrite
bead can be used. Each power supply pin should be bypassed to ground
through an external 0.1
µF capacitor.
RVDD2
RVDD1
127
54
PWR
Receive Analog Power Supply (3.3V ±5%)
RVDD should not be shared with other power supplies. It is recommended that
RVDD be isolated from the digital power supply DVDD and the analog power
supply TVDD. For best results, use an internal power plane for isolation. If an
internal power plane is not available, a ferrite bead can be used. Each power
supply pin should be bypassed to ground through an external 0.1
µF capacitor.
DVDD2
DVDD1
DVDDcore
129
52
93
PWR
Digital Power Supply (3.3V ±5%)
DVDD should be isolated from the analog power supplies except for TVDD.
For best results, use an internal power plane for isolation. If an internal power
plane is not available, a ferrite bead can be used. Every two DVDD power sup-
ply pins should be bypassed to ground through at least one 0.1
µF capacitor.
AVDD
16
PWR
Analog Power Supply (3.3V ±5%)
AVDD should be isolated from the digital power supplies. For best results, use
an internal power plane for isolation. If an internal power plane is not available,
a ferrite bead can be used. Each power supply pin should be bypassed to
ground through at least one 0.1
µF capacitor.
TGND7
TGND6
TGND5
TGND4
TGND3
TGND2
TGND1
TGND0
77
85
96
104
32
24
13
5
GND
Transmit Analog Ground
It’s recommended that all ground pins of this device be tied together.
RGND2
RGND1
126
55
GND
Receive Analog Ground
It’s recommended that all ground pins of this device be tied together.
DGND2
DGND1
DGNDcore
128
53
88
GND
Digital Ground
It’s recommended that all ground pins of this device be tied together.
AGND
18
GND
Analog Ground
It’s recommended that all ground pins of this device be tied together.


Similar Part No. - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL28

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com