Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL216 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 3Page - Exar Corporation XRT83SL216 Datasheet HTML 4Page - Exar Corporation XRT83SL216 Datasheet HTML 5Page - Exar Corporation XRT83SL216 Datasheet HTML 6Page - Exar Corporation XRT83SL216 Datasheet HTML 7Page - Exar Corporation XRT83SL216 Datasheet HTML 8Page - Exar Corporation XRT83SL216 Datasheet HTML 9Page - Exar Corporation XRT83SL216 Datasheet HTML 10Page - Exar Corporation XRT83SL216 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
xr
PRELIMINARY
XRT83SL216
REV. P1.0.3
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
5
RECEIVER SECTION
NAME
PIN
TYPE
DESCRIPTION
RLOS15
RLOS14
RLOS13
RLOS12
RLOS11
RLOS10
RLOS9
RLOS8
RLOS7
RLOS6
RLOS5
RLOS4
RLOS3
RLOS2
RLOS1
RLOS0
B10
D11
F10
B12
T12
T11
M10
R10
U8
R7
M8
T6
B6
B7
F8
C8
O
Receive Loss of Signal
When a receive loss of signal occurs, the RLOS pin will go "High" for a mini-
mum of one RCLK cycle. RLOS will remain "High" until the loss of signal con-
dition clears. See the Receive Loss of Signal section of this datasheet for
more details.
RCLK15
RCLK14
RCLK13
RCLK12
RCLK11
RCLK10
RCLK9
RCLK8
RCLK7
RCLK6
RCLK5
RCLK4
RCLK3
RCLK2
RCLK1
RCLK0
A10
A11
E10
A12
U12
U11
N10
P10
T8
P7
N8
U6
A6
A7
E8
D8
O
Receive Clock Output
RCLK is the recovered clock from the incoming data stream. If the incoming
signal is absent, RCLK maintains its timing by using an internal master clock
as its reference. RPOS/RNEG data can be updated on either edge of RCLK
selected by RCLKinv in the appropriate channel register.


Similar Part No. - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com