Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL216 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83SL216 Datasheet HTML 1Page - Exar Corporation XRT83SL216 Datasheet HTML 2Page - Exar Corporation XRT83SL216 Datasheet HTML 3Page - Exar Corporation XRT83SL216 Datasheet HTML 4Page - Exar Corporation XRT83SL216 Datasheet HTML 5Page - Exar Corporation XRT83SL216 Datasheet HTML 6Page - Exar Corporation XRT83SL216 Datasheet HTML 7Page - Exar Corporation XRT83SL216 Datasheet HTML 8Page - Exar Corporation XRT83SL216 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
PRELIMINARY
XRT83SL216
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
DECEMBER 2005
REV. P1.0.3
GENERAL DESCRIPTION
The XRT83SL216 is a fully integrated 16-channel E1
short-haul LIU which optimizes system cost and
performance by offering key design features. The
XRT83SL216 operates from a single 3.3V power
supply. The LIU features are programmed through a
standard serial microprocessor interface. EXAR’s LIU
has patented high impedance circuits that allow the
transmitter outputs and receiver inputs to be placed in
a high impedance mode when experiencing a power
failure or when the LIU is powered off. Additional
features include TAOS for transmit and receive,
RLOS, LCV, on chip Jitter Attenuator, AIS detector,
and diagnostic loopback modes.
APPLICATIONS
ISDN Primary Rate Interface
CSU/DSU E1 Interface
E1 LAN/WAN Routers
Public Switching Systems and PBX Interfaces
E1 Multiplexer and Channel Banks
Integrated Multi-Service Access Platforms (IMAPs)
Integrated Access Devices (IADs)
Inverse Multiplexing for ATM (IMA) Wireless Base
Stations
FIGURE 1. BLOCK DIAGRAM OF THE XRT83SL216
HDB3
Encoder
Jitter
Attenuator
(Rx or Tx)
Timing
Control
Tx Pulse
Shaper
HDB3
Decoder
Clock & Data
Recovery
Peak
Detector
& Slicer
Rx
Equalizer
AIS & LOS
Detector
1 of 16 Channels
JTAG
Serial Microprocessor
Interface
Internal Clock Generator
Line
Driver
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG/LCV
RTIP
RRING
TRING
TTIP
TxOE
RLOS
Remote
Loopback
Digital
Loopback
Analog
Loopback
JASEL1
JASEL0
TDI
TMS
TCK


Similar Part No. - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL216

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com