Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL28IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT83SL28IV Datasheet HTML 4Page - Exar Corporation XRT83SL28IV Datasheet HTML 5Page - Exar Corporation XRT83SL28IV Datasheet HTML 6Page - Exar Corporation XRT83SL28IV Datasheet HTML 7Page - Exar Corporation XRT83SL28IV Datasheet HTML 8Page - Exar Corporation XRT83SL28IV Datasheet HTML 9Page - Exar Corporation XRT83SL28IV Datasheet HTML 10Page - Exar Corporation XRT83SL28IV Datasheet HTML 11Page - Exar Corporation XRT83SL28IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
XRT83SL28
xr
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
6
RECEIVER SECTION
NAME
PIN
TYPE
DESCRIPTION
RLOS7
RLOS6
RLOS5
RLOS4
RLOS3
RLOS2
RLOS1
RLOS0
61
65
116
120
48
44
137
133
O
Receive Loss of Signal
When a receive loss of signal occurs, the RLOS pin will go "High" for a mini-
mum of one RCLK cycle. RLOS will remain "High" until the loss of signal con-
dition clears. See the Receive Loss of Signal section of this datasheet for
more details.
RCLK7
RCLK6
RCLK5
RCLK4
RCLK3
RCLK2
RCLK1
RCLK0
58
62
119
123
51
47
134
130
O
Receive Clock Output
RCLK is the recovered clock from the incoming data stream. If the incoming
signal is absent, RCLK maintains its timing by using an internal master clock
as its reference. RPOS/RNEG data can be updated on either edge of RCLK
selected by RCLKinv in the appropriate global register.
NOTE: RCLKinv is a global setting that applies to all 8 channels.
RPOS7
RPOS6
RPOS5
RPOS4
RPOS3
RPOS2
RPOS1
RPOS0
59
63
118
122
50
46
135
131
O
RPOS/RDATA Output
Receive digital output pin. In dual rail mode, this pin is the receive positive
data output. In single rail mode, this pin is the receive non-return to zero (NRZ)
data output.
RNEG/LCV7
RNEG/LCV6
RNEG/LCV5
RNEG/LCV4
RNEG/LCV3
RNEG/LCV2
RNEG/LCV1
RNEG/LCV0
60
64
117
121
49
45
136
132
O
RNEG/LCV Output
In dual rail mode, this pin is the receive negative data output. In single rail
mode, this pin is a Line Code Violation indicator. If a line code violation or a bi-
polar violation occur, the LCV pin will pull "High" for a minimum of one RCLK
cycle. LCV will remain "High" until there are no more violations.


Similar Part No. - XRT83SL28IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216IB EXAR-XRT83SL216IB Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL28IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com