Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 6Page - Exar Corporation XRT86VL34 Datasheet HTML 7Page - Exar Corporation XRT86VL34 Datasheet HTML 8Page - Exar Corporation XRT86VL34 Datasheet HTML 9Page - Exar Corporation XRT86VL34 Datasheet HTML 10Page - Exar Corporation XRT86VL34 Datasheet HTML 11Page - Exar Corporation XRT86VL34 Datasheet HTML 12Page - Exar Corporation XRT86VL34 Datasheet HTML 13Page - Exar Corporation XRT86VL34 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
xr
PRELIMINARY
XRT86VL34
REV. P1.0.5
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
5
Receive Interface Control Register
RICR
0xn122
PRBS Control & Status Register 1
PRBSCSR1
0xn123
For T1 mode only
-
0xn124 - 0xn127
Defect Detection Enable Register
DDER
0xn129
Transmit Sa Select Register
TSASR
0xn130
Transmit Sa Auto Control Register 1
TSACR1
0xn131
Transmit Sa Auto Control Register 2
TSACR2
0xn132
Transmit Sa4 Register
TSA4R
0xn133
Transmit Sa5 Register
TSA5R
0xn134
Transmit Sa6 Register
TSA6R
0xn135
Transmit Sa7 Register
TSA7R
0xn136
Transmit Sa8 Register
TSA8R
0xn137
Receive Sa4 Register
RSA4R
0xn13B
Receive Sa5 Register
RSA5R
0xn13C
Receive Sa6 Register
RSA6R
0xn13D
Receive Sa7 Register
RSA7R
0xn13E
Receive Sa8 Register
RSA8R
0xn13F
Reserved - T1 mode only
-
0xn142
Data Link Control Register 2
DLCR2
0xn143
Transmit Data Link Byte Count Register 2
TDLBCR2
0xn144
Receive Data Link Byte Count Register 2
RDLBCR2
0xn145
Data Link Control Register 3
DLCR3
0xn153
Transmit Data Link Byte Count Register 3
TDLBCR3
0xn154
Receive Data Link Byte Count Register 3
RDLBCR3
0xn155
Device ID Register
DEVID
0xn1FE
Revision Number Register
REVID
0xn1FF
Time Slot (payload) Control (0xn300 - 0xn3FF)
Transmit Channel Control Register 0-31
TCCR 0-31
0xn300 -
0xn31F
User Code Register 0-31
TUCR 0-31
0xn320 -
0xn33F
Transmit Signaling Control Register 0 -31
TSCR 0-31
0xn340 -
0xn35F
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86VL34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results

Similar Description - XRT86VL34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com