Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL38IB484 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86VL38IB484
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38IB484 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86VL38IB484 Datasheet HTML 7Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 8Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 9Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 10Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 11Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 12Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 13Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 14Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
XRT86VL3X
4
REV. 1.2.0
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
1.0
GENERAL DESCRIPTION AND INTERFACE
The XRT86VL3x supports multiple interfaces for various modes of operation. The purpose of this section is to
present a general overview of the common interfaces and their connection diagrams. Each mode will be
described in full detail in later sections of the datasheet.
NOTE: For a brief tutorial on Framing Formats, see Appendix A in the back of this document.
1.1
Physical Interface
The Line Interface Unit generates/receives standard return-to-zero (RZ) signals to the line interface for T1/E1/
J1 twisted pair or E1 coaxial cable. The physical interface is optimized by placing the terminating impedance
inside the LIU. This allows one bill of materials for all modes of operation reducing the number of external
components necessary in system design. The transmitter outputs only require one DC blocking capacitor of
0.68µF and a 1:2 step-up transformer. The receive path inputs only require one bypass capacitor of 0.1
µF
connected to the center tap (CT) of the transformer and a 1:1 transformer. The receive CT bypass capacitor is
required for Long Haul Applications, and recommended for Short Haul Applications.
Figure 2 shows the
typical connection diagram for the LIU transmitters. Figure 3 shows a typical connection diagram for the LIU
receivers.
FIGURE 2. LIU TRANSMIT CONNECTION DIAGRAM USING INTERNAL TERMINATION
FIGURE 3. LIU RECEIVE CONNECTION DIAGRAM USING INTERNAL TERMINATION
T
TIP
T
RING
XRT86VL3x LIU
1:2
Internal Impedance
Line Interface T1/E1/J1
C=0.68uF
One Bill of Materials
Transmitter
Output
R
TIP
R
RING
XRT86VL3x LIU
1:1
Internal Impedance
Line Interface T1/E1/J1
One Bill of Materials
Receiver
Input
0.1
µF


Similar Part No. - XRT86VL38IB484

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL38IB484 EXAR-XRT86VL38IB484 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38IB484 EXAR-XRT86VL38IB484 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL38IB484 EXAR-XRT86VL38IB484 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38IB484 EXAR-XRT86VL38IB484 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38IB484 EXAR-XRT86VL38IB484 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL38IB484

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com