Electronic Components Datasheet Search |
|
XRT86VL38IB484 Datasheet(PDF) 2 Page - Exar Corporation |
|
XRT86VL38IB484 Datasheet(HTML) 2 Page - Exar Corporation |
2 / 149 page XRT86VL3X 2 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION REV. 1.2.0 APPLICATIONS • High-Density T1/E1/J1 interfaces for Multiplexers, Switches, LAN Routers and Digital Modems • SONET/SDH terminal or Add/Drop multiplexers (ADMs) • T1/E1/J1 add/drop multiplexers (MUX) • Channel Service Units (CSUs): T1/E1/J1 and Fractional T1/E1/J1 • Digital Access Cross-connect System (DACs) • Digital Cross-connect Systems (DCS) • Frame Relay Switches and Access Devices (FRADS) • ISDN Primary Rate Interfaces (PRA) • PBXs and PCM channel bank • T3 channelized access concentrators and M13 MUX • Wireless base stations • ATM equipment with integrated DS1 interfaces • Multichannel DS1 Test Equipment • T1/E1/J1 Performance Monitoring • Voice over packet gateways • Routers FEATURES • Independent, full duplex DS1 Tx and Rx Framer/ LIUs • Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx provide up to 8.192 MHz asynchronous back plane connections with jitter and wander attenuation • Supports input PCM and signaling data at 1.544, 2.048, 4.096 and 8.192 Mbits. Also supports 4- channel multiplexed 12.352/16.384 (HMVIP/H.100) Mbit/s on the back plane bus • Programmable output clocks for Fractional T1/E1/ J1 • Supports Channel Associated Signaling (CAS) • Supports Common Channel Signalling (CCS) • Supports ISDN Primary Rate Interface (ISDN PRI) signaling • Extracts and inserts robbed bit signaling (RBS) • 3 Integrated HDLC controllers per channel for transmit and receive, each controller having two 96-byte buffers (buffer 0 / buffer 1) • HDLC Controllers Support SS7 • Timeslot assignable HDLC • V5.1 or V5.2 Interface • Automatic Performance Report Generation (PMON Status) can be inserted into the transmit LAPD interface every 1 second or for a single transmission • Alarm Indication Signal with Customer Installation signature (AIS-CI) • Remote Alarm Indication with Customer Installation (RAI-CI) • Gapped Clock interface mode for Transmit and Receive. • Intel/Motorola and Power PC interfaces for configuration, control and status monitoring • Parallel search algorithm for fast frame synchronization • Wide choice of T1 framing structures: SF/D4, ESF, SLC®96, T1DM and N-Frame (non-signaling) • Direct access to D and E channels for fast transmission of data link information • PRBS, QRSS, and Network Loop Code generation and detection • Programmable Interrupt output pin • Supports programmed I/O and DMA modes of Read-Write access • Each framer block encodes and decodes the T1/ E1/J1 Frame serial data • Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms • Detects OOF, LOF, LOS errors and COFA conditions • Loopbacks: Local (LLB) and Line remote (LB) • Facilitates Inverse Multiplexing for ATM • Performance monitor with one second polling • Boundary scan (IEEE 1149.1) JTAG test port • Accepts external 8kHz Sync reference • 1.8V Inner Core Voltage • 3.3V I/O operation with 5V tolerant inputs |
Similar Part No. - XRT86VL38IB484 |
|
Similar Description - XRT86VL38IB484 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |