Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH16240A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABTH16240A
Description  16-bit inverting buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16240A Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABTH16240A Datasheet HTML 1Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 2Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 3Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 4Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 5Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 6Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 7Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 8Page - NXP Semiconductors 74ABTH16240A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ABT16240A
74ABTH16240A
16-bit inverting buffer/driver (3-State)
Product specification
Supersedes data of 1996 Oct 01
IC23 Data Handbook
1998 Feb 25
INTEGRATED CIRCUITS


Similar Part No. - 74ABTH16240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16241A PHILIPS-74ABTH16241A Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ABTH16241ADGG PHILIPS-74ABTH16241ADGG Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ABTH16241ADL PHILIPS-74ABTH16241ADL Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ABTH16244A PHILIPS-74ABTH16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
logo
Texas Instruments
74ABTH16244DGGRE4 TI-74ABTH16244DGGRE4 Datasheet
337Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABTH16240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com